Electronic Components Datasheet Search
  English  ▼

X  

EMP202 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EMP202
Description  Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMP202 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EMP202 Datasheet HTML 1Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 2Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 3Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 4Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 5Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 6Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 7Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 8Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Single-Chip Dual-Channel AC’97 Audio Codec
EMP202
EMPIA Technology
7/15/2002
2
Features
High performance CODEC with high S/N ratio (>90 dB).
Compliant with AC’97 2.2 specifications
20-bit stereo Digital-to-Analog Converter with variable sampling rate.
20-bit stereo Analog-to-Digital Converter with variable sampling rate.
4 analog line-level stereo inputs with 5-bit volume control: LINE_IN, CD,
VIDEO, AUX.
2 analog line-level mono inputs: PC_BEEP, PHONE_IN.
Mono output with 5-bit volume control.
Stereo output with 5-bit volume control.
2 MIC inputs are software selectable.
Power management capabilities.
3D Stereo Enhancement
Embedded 50mW/20 Ω OP at LINE output.
External amplifier power down capability.
Digital S/PDIF output.
Built in 14.318M 24.576MHz PLL to save external 24.576MHz crystal
Supports 2 general-purpose I/O pins.
Power supply: Digital: 3.3V; Analog: 5V/3.3V
Standard 48-Pin LQFP Package
1. General Description
The EMP202 is a 2 channel, 20-bit DAC and 20-bit ADC, full duplex AC'97 2.2 compatible stereo
audio CODEC designed for PC multimedia systems, including soft/host audio and riser card based
designs. The EMP202 incorporates proprietary converter technology. The EMP202 AC'97 CODEC
supports with independent variable hardware sampling rates. The EMP202 CODEC provides two
pairs of stereo outputs with independent volume controls, a mono output, a headphone output, and
multiple stereo and mono inputs, along with flexible mixing, gain and mute functions to provide a
complete integrated audio solution for PCs. The EMP202 CODEC operates from a 3.3V power supply
with EAPD (External Amplifier Power Down) control for use in notebook and PC applications. To save
BOM costs, the EMP202 integrates a 50mW/20 Ω headset audio amplifier into the CODEC with
Headphone Output. The EMP202 also supports an AC’97 2.2 compliant SPDIF out function which
allows easy connection from the PC to consumer electronic products. The EMP202 CODEC supports
soft/host audio from Intel 810/815/820/845 chipsets as well as audio controller based VIA/SIS/ALI
chipsets. Windows WDM drivers that support Win95/98.ME/2K/NT and XP provide a complete
solution. Finally, internal PLL circuits generate required timing signals, eliminating the need for
external clocking devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com