Electronic Components Datasheet Search
  English  ▼

X  

EMP202 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EMP202
Description  Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMP202 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EMP202 Datasheet HTML 3Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 4Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 5Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 6Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 7Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 8Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 9Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 10Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Single-Chip Dual-Channel AC’97 Audio Codec
EMP202
EMPIA Technology
7/15/2002
7
5. Registers
Access to registers with an odd number will return a 0. Reading unimplemented registers will also return a 0.
REG.
(HEX)
NAME
D15
D14
D13
D12
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 DEFAULT
00h Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
6A90h
02h Master Volume
Mute
X
X
ML4
ML3
ML2
ML1
ML0
X
X
X
MR4
MR3
MR2
MR1
MR0
8000h
04H
HEADPHONE
Volume
Mute
X
X
HPL4 HPL3 HPL2 HPL1 HPL0 X
X
X
HPL4 HPL3 HPL2 HPL1
HPL0 8000h
06h Mono-Out Volume
Mute
X
X
X
X
X
X
X
X
X
X
MM4
MM3 MM2
MM1
MM0 8000h
0Ah PC_BEEP Volume
Mute
X
X
X
X
X
X
X
X
X
X
PB3
PB2
PB1
PB0
X
0000h
0Ch PHONE Volume
Mute
X
X
X
X
X
X
X
X
X
X
PH4
PH3
PH2
PH1
PH0
8008h
0Eh MIC Volume
Mute
X
X
X
X
X
X
X
X
20dB
X
MI4
MI3
MI2
MI1
MI0
8008h
10h Line-In Volume
Mute
X
X
NL4
NL3
NL2
NL1
NL0
X
X
X
NR4
NR3
NR2
NR1
NR0
8808h
12h CD Volume
Mute
X
X
CL4
CL3
CL2
CL1
CL0
X
X
X
CR4
CR3
CR2
CR1
CR0
8808h
14h Video Volume
Mute
X
X
VL4
VL3
VL2
VL1
VL0
X
X
X
VR4
VR3
VR2
VR1
VR0
8808h
16h Aux Volume
Mute
X
X
AL4
AL3
AL2
AL1
AL0
X
X
X
AR4
AR3
AR2
AR1
AR0
8808h
18h PCM Out Volume
Mute
X
X
PL4
PL3
PL2
PL1
PL0
X
X
X
PR4
PR3
PR2
PR1
PR0
8808h
1Ah Record Select
X
X
X
X
X
LRS2 LRS1 LRS0 X
X
X
X
X
RRS2 RRS1
RRS0 0000h
1Ch Record Gain
Mute
X
X
X
LRG3 LRG2 LRG1 LRG0 X
X
X
X
RRG3 RRG2 RRG1
RRG0 8000h
20h General Purpose
POP
X
3D
X
X
X
MIX
MS
LBK
X
X
X
X
X
X
X
0000h
22h 3D Control
X
X
X
X
X
X
X
X
X
X
X
X
DP3
DP2
0000h
26h
Power Down
Ctrl/Status
EAPD PR6
PR5
PR4
PR3
PR2
PR1
PR0
X
X
X
X
REF
ANL
DAC
ADC
000Fh
28h Extended Audio ID
ID1
ID0
X
X
REV1 REV0 AMAP X
X
X
X
DSA1 DSA0 SPDIF X
VRA
0605h
2Ah
Extended Audio
Status
X
X
X
X
X
SPCV X
X
X
X
SPSA1 SPSA0 X
SPDIF X
VRA
0400h
2Ch
PCM Out Sample
Rate
FSR
15
FSR1 4
FSR1
3
FSR1
2
FSR1
1
FSR1
0
FSR9 FSR8 FSR7 FSR6 FSR5 FSR4 FSR3 FSR2 FSR1
FSR0 BB80h
32h
PCM Input Sample
Rate
ISR 15 ISR 14
ISR 13 ISR 12
ISR
11
ISR
10
ISR 9 ISR 8 ISR 7 ISR 6 ISR 5 ISR 4 ISR 3 ISR 2 ISR 1
ISR 0 BB80h
3Ah S/PDIF Ctl
V
DRS
SPSR1 SPSR0 L
CC6
CC5
CC4
CC3 CC2
CC1
CC0
PRE
COPY /AUDIO PRO 2000h
3Eh
Ext’d Modem
Stat/Ctrl
X
X
X
X
X
X
X
PRA
X
X
X
X
X
X
X
GPIO 0100h
4Ch GPIO Pin Config
X
X
X
X
X
X
X
X
X
X
X
X
X
X
GC1
GC0
0300h
4Eh
GPIO Pin
Polarity/Type
X
X
X
X
X
X
X
X
X
X
X
X
X
X
GP1
GP0
FFFFh
50h GPIO Pin Sticky
X
X
X
X
X
X
X
X
X
X
X
X
X
X
GS1
GS0
0000h
52h GPIO Mask
X
X
X
X
X
X
X
X
X
X
X
X
X
X
GW1
GW0 0000h
54h GPIO Pin Status
X
X
X
X
X
X
X
X
X
X
X
X
X
X
GI1
GI0
0000h
6Ah SPDIF Output Select X
X
X
X
X
X
X
X
X
X
X
X
X
X
DO1
X
0000h
72h Antipop
X
X
X
X
X
X
X
X
APOP X
X
X
X
X
X
X
0000H
74h EAPD/GPIO Access EAPD X
X
X
EAPD
OEN
X
X
X
X
X
X
X
X
INTDIS
GPIO
ACC
GPIO
SLT12
0800H
7Ch Vendor ID1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
FFFFh
7Eh Vendor ID2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
FFFFh
X: Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com