Electronic Components Datasheet Search
  English  ▼

X  

TAS3308 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3308 Datasheet(HTML) 2 Page - Texas Instruments

  TAS3308 Datasheet HTML 1Page - Texas Instruments TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
10
2
11
6
15
9
19
22
17
3
13
4
14
8
18
20
16
12
24
5
25
7
21
23
75
66
74
65
70
61
67
57
54
59
73
63
72
62
68
58
56
60
64
52
71
51
69
55
53
DVDD_PWM2
VALID/SYNC
PWM2_RD
DVDD2
DVSS_PWM3
MCLKOUT
PWM3_RI
SDOUT2/SPDIF_OUT
SDIN2
SCLKOUT
PWM2_RI
VREG_EN
PWM3_LD
RSVD
PWM3_RD
SDOUT1
SPDIF_IN
LRCLKOUT
DVSS2
LRCLKIN
PWM3_LI
SCLKIN
DVDD_PWM3
SDIN3
SDIN1
AVDD_LO
LINEIN9L
AVDD_REF
AVDD_LI3
LINEIN10R
LINEIN7R
LINEIN9R
LINEIN6L
LINEIN5L
AVSS_ADC/REF
V1P5_REF
LINEIN8L
BG_REF
AVDD_ADC
AVSS_LI3
LINEIN6R
AVSS_LI2
LINEIN7L
LINEIN8R
LINEIN4R
BIAS_REF
LINEIN4L
LINEIN10L
LINEIN5R
AVDD_LI2
TAS3308
SLES215C
– FEBRUARY 2008 – REVISED AUGUST 2010
www.ti.com
PZT PACKAGE
(TOP VIEW)
DESCRIPTION
The TAS3308 is a highly-integrated audio system-on-chip (SOC) consisting of a fully-programmable 48-bit digital
audio processor, 10:1 stereo analog input MUX, stereo ADC, six PWM output channels, and other analog
functionality. The TAS3308 is programmable with the graphical PurePath Studio
™ and suite of DSP code
development software. PurePath Studio
™ is a highly intuitive, drag-and-drop development environment that
minimizes software development effort while allowing the end user to utilize the power and flexibility of the
TAS3308
's digital audio processing core.
TAS3308 processing capability includes speaker equalization and cross over, volume/bass/treble control, signal
mixing/MUXing/splitting, delay compensation, dynamic range compression, and many other basic audio
functions. Audio functions such as matrix decoding, stereo widening, surround sound virtualization and
psychoacoustic bass boost are also available with either third-party or TI royalty-free algorithms.
The TAS3308 contains a custom-designed, fully-programmable 135-MHz, 48-bit digital audio processor. A 76-bit
accumulator ensures that the high precision necessary for quality digital audio is maintained during arithmetic
operations.
A stereo 100-dB DNR ADC and six 105-dB DNR PWM output channels ensure that high quality audio is
maintained through the whole signal chain. The PWM outputs utilize TI
's PurePath Digital PWM technology and
seamlessly interface with TI
's extensive line of PWM input class D audio amplifiers.
Ordering Information
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tray
TAS3308PZT
0
°C to 70°C
TQFP
– PZT
TAS3308PZT
Tape and reel
TAS3308PZTR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright
© 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS3308



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com