Electronic Components Datasheet Search
  English  ▼

X  

TAS3308 Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3308 Datasheet(HTML) 5 Page - Texas Instruments

  TAS3308 Datasheet HTML 1Page - Texas Instruments TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TAS3308
www.ti.com
SLES215C
– FEBRUARY 2008 – REVISED AUGUST 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
DVDD
–0.5
3.8
AVDD
Supply voltage range
–0.5
3.8
V
DVDD_PWM
–0.5
3.8
3.3 V TTL
–0.5
VDDS + 0.5
3.3 V LVCMOS
–0.5
VDDS + 0.5
VI
Input voltage range
V
3.3 V analog
–0.5
AVDDS + 0.5
1.8 V LVCMOS
–0.5
AVDD(2) + 0.5
VO
3.3 V TTL
–0.5
VDDS + 0.5
3.3 V LVCMOS
–0.5
VDDS + 0.5
Output voltage range
3.3 V analog
–0.5
AVDDS + 0.5
V
–0.5
DVDD(3) + 0.5
1.8 V LVCMOS
–0.5
AVDD(4) + 0.5
IIK
Input clamp current
VI < 0 or VI > DVDD
±20
mA
IOK
Output clamp current
VO < 0 or VO > DVDD
±20
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operation
conditions is not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
AVDD is an internal 1.8-V supply derived from a regulator in the TAS3308 chip. Pin XTAL_IN is the only TAS3308 input that is
referenced to this 1.8-V logic supply. The absolute maximum rating listed is for reference; only a crystal should be connected to
XTAL_IN.
(3)
DVDD is an internal 1.8-V supply derived from regulators in the TAS3308 chip. DVDD is routed to DVDD_BYPASS_CAP to provide
access to external filter capacitors, but should not be used to source power to external devices.
(4)
Pin XTAL_OUT is the only TAS3308 output that is derived from the internal 1.8-V logic supply AVDD. The absolute maximum rating
listed is for reference; only a crystal should be connected to XTAL_OUT. AVDD is also routed to AVDD_BYPASS_CAP to provide
access to external filter capacitors, but should not be used to source power to external devices.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MEASUREMENTS
MIN
NOM
MAX
UNIT
DVDD
Digital supply voltage
3
3.3
3.6
V
AVDD
Analog supply voltage
3.3 V analog
3
3.3
3.6
V
DVDD_PWM
PWM supply voltage
3.3 V PWM
3
3.3
3.6
V
3.3 V TTL
2
VIH
High-level input voltage
3.3 V LVCMOS (I2C)
0.7
× VDDS
V
1.8 V LVCMOS (XTAL_IN)
1.26
3.3 V TTL
0.8
VIL
Low-level input voltage
3.3 V LVCMOS (I2C)
0
0.3
× VDDS
V
1.8 V LVCMOS (XTAL_IN)
0.54
Specifying parametrics
0
25
70
TA
Operating ambient air temperature
°C
Specifying functions
–20
25
70
TJ
Junction temperature
0
96
°C
Copyright
© 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS3308



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com