Electronic Components Datasheet Search
  English  ▼

X  

TAS3308 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3308 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments TAS3308 Datasheet HTML 10Page - Texas Instruments TAS3308 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTQF012B – OCTOBER 1994 – REVISED DECEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PZT (S-PQFP-G100)
PLASTIC QUAD FLATPACK
4073179 / B 11/96
0,13 NOM
50
26
0,75
0,45
0,25
0,05 MIN
Seating Plane
Gage Plane
0,27
75
0,17
76
100
SQ
SQ
1
15,80
16,20
14,20
13,80
12,00 TYP
1,20 MAX
1,05
0,95
51
25
0,50
M
0,08
0,08
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com