Electronic Components Datasheet Search
  English  ▼

X  

TAS3308 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3308 Datasheet(HTML) 1 Page - Texas Instruments

  TAS3308 Datasheet HTML 1Page - Texas Instruments TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TAS3308
www.ti.com
SLES215C
– FEBRUARY 2008 – REVISED AUGUST 2010
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
Check for Samples: TAS3308
1
FEATURES
•
Digital Audio Processor
•
Digital Audio Input/Output
– Fully Programmable With the Graphical,
– Three Synchronous Serial Audio Inputs
Drag-and-Drop PurePath Studio
™ Software
(Six Channels)
Development Environment
– Two Synchronous Serial Audio Outputs
– 135-MHz Operation 48-Bit Data Path With
(Four Channels)
76-Bit Accumulator
– Input and Output Data Formats: 16-, 20-, or
– Hardware Single-Cycle Multiplier (28 × 48)
24-Bit Data Left, Right, and I2S
– Five Simultaneous Operations Per Clock
– S/PDIF Transmitter
Cycle
•
System Control Processor
– Usable 1k Data RAM Words (48 Bit), Usable
– Embedded 8051 WARP Microprocessor
1k Coefficient RAM (28 Bit)
– Programmable Using Standard 8051 C
– Usable 2.8k Program RAM
Compilers
– 360 ms at 48 kHz, 17k Words 24-Bit Delay
– Four Programmable GPIO pins
Memory
•
General Features
– Slave Mode Fs is 32.44.1 and 48 kHz With
– Two I2C Ports for Slave or Master Download
Auto Sample Rate Detection
– Single 3.3-V Power Supply
– Master Mode Fs is 48 kHz
– Integrated Regulators
•
Analog Audio Input/Output
– 10:1 Stereo Analog Input MUX
APPLICATIONS
– Stereo Analog Pass-Through Channel
•
Flat-Screen Televisions
– Stereo, Single-Ended ADC
•
MP3 Player/Music Phone Docks
(100 dB DNR Typical)
•
Speaker Bars
– Six Differential PWM Outputs
•
Mini/Micro-Component Systems
(105 dB DNR Typical)
•
Automotive Head Units
– PurePath™ Digital Technology Minimizes
•
Musical Instruments
Pop/Click
– Fourth Order Chaotic Noise Shaper With
Non-Linear Correction
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS3308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308PZT TI-TAS3308PZT Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308PZTR TI-TAS3308PZTR Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
Audio Processor with Pushbutton Interface
Rev 0; 5/06
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
AUDIO DSP WITH ANALOG INTERFACE
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
logo
Texas Instruments
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com