Electronic Components Datasheet Search
  English  ▼

X  

TAS3308 Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3308 Datasheet(HTML) 4 Page - Texas Instruments

  TAS3308 Datasheet HTML 1Page - Texas Instruments TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
0.01u
220
0. 1u
MCLK_IN
SCLK_IN
LRCLK_IN
SDIN_1
SDIN_2
SDIN_3
GPIO_1
GPIO_2
MUTE
RSVD
RESET
VREG_EN
VR_ANA1
VR_ANA2
VR_DIG1
VR_DIG2
VR_DIG3
LINEIN1L
LINEIN2L
LINEIN3L
LINEIN4L
LINEIN5L
LINEIN6L
LINEIN7L
LINEIN8L
LINEIN9L
LINEIN10L
LINEIN1R
LINEIN2R
LINEIN3R
LINEIN4R
LINEIN5R
LINEIN6R
LINEIN7R
LINEIN8R
LINEIN9R
LINEIN10R
XTAL_OUT
XTAL_IN
1M
10p (TBD)
10p (TBD)
VR_ANA2
AVDD_PLL
AVSS_PLL
PLL_FLTM
PLL_FLTP
3. 3V
0.1u
I2C_SCL1
I2C_SCL2
I2C_SDA1I
I2C_SDA2
CS
MCLKOUT
LRCLKOUT
SCLKOUT
SDOUT1
SPDIFOUT/SDOUT2
SPDIFIN
PWM3LD
PWM3LI
PWM3RI
PWM3RD
VALID/SYNC
PWM1LD
PWM1LI
PWM1RI
PWM1RD
PWM2LD
PWM2LI
PWM2RI
PWM2RD
LINEOUT1L
LINEOUT1R
V1P5_REF
4. 7u
TAS3308
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
47K
LPF
LPF
LPF
LPF
2. 2u
47
1u
BIAS_REF
BG_REF
1u
24 K
<5%
DVDD1
DVSS1
3.3V
DVDD2
DVSS2
3.3V
DVDD3
DVSS3
3.3V
DVDD4
DVSS4
3.3V
AVSS_LI1
3. 3V
AVDD_LI2
AVSS_LI2
3. 3V
AVDD_LI3
AVSS_LI3
3. 3V
AVDD_OSC
DVDD_PWM1
DVSS_PWM1
DVDD_PWM2
DVSS_PWM2
DVDD_PWM3
DVSS_PWM3
22
AVSS_SOC
AVSS_PLL
DVSS1
DVSS_DPLL
DVSS4
4. 7 u
4. 7 u
4. 7 u
4. 7 u
47K
47K
AVSS_OSC
3. 3V
LPF
LPF
2. 2u
47
AVDD_REF
3. 3V
10u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1 u
0.1 u
0.1 u
0.1 u
AVDD_LO
3. 3V
0.1u
AVSS_LO
AVDD_ADC
AVSS_ADC/REF
3.3V
0.1u
VREG_EN
STEST
10k
10k
24.576M
220
0. 1u
0.01u
22
22
4. 7u
10u
10u
AVDD_LI1
TAS3308
SLES215C
– FEBRUARY 2008 – REVISED AUGUST 2010
www.ti.com
APPLICATION INFORMATION
Figure 1. Peripheral Connections
4
Submit Documentation Feedback
Copyright
© 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS3308



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com