Electronic Components Datasheet Search
  English  ▼

X  

TAS3308 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3308 Datasheet(HTML) 3 Page - Texas Instruments

  TAS3308 Datasheet HTML 1Page - Texas Instruments TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SDOUT1
SPDOUT/SDOUT2
LRCLKO, SCLKO,
MCLKO
VALID
PWM1L(I+D),R(I+D)
SPDIN
PWM2L(I+D),R(I+D)
PWM3L(I+D),R(I+D)
LINEOUT1(L+R)
SPDIF
RESET
DPLL
Auto-
Detect
%2
I C
2
POWER
APLL
OSC
MCLK
XTAL
10 STEREO
ANALOG IN
SDIN1–3,
LRCLKI,
SCLKI
REFERENCE
Output Serial
Audio Port
DIGCLK
PWMCLK,
ADCCLK
Interpolation
PWM
1–3
1024 W
DATA RAM
1024 W
COEF RAM
360 MS
DELAY RAM
Decimation
FW
Digital
Audio Processor
Input Serial
Audio Port
1–3
Sync
Decimation
8051 Device
Micro-Controller
Stereo
ADC
TAS3308
www.ti.com
SLES215C
– FEBRUARY 2008 – REVISED AUGUST 2010
The TAS3308 comprises nine functional blocks:
•
Analog input/MUX/stereo ADC
•
Three stereo PWM output for speaker/headphone/stereo
•
Line driver outputs
•
Clock, digital PLL, analog PLL, serial data interface, and auto-detect system
•
Serial control interface/device control
•
Audio DSP
– digital audio processing
•
8051 device controller
•
Power supply
•
Internal references
Block Diagram
Copyright
© 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS3308



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com