Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 39 Page - Altera Corporation

Part # EPM240
Description  Section I. MAX II Device Family Data Sheet
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 39 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 35Page - Altera Corporation EPM240 Datasheet HTML 36Page - Altera Corporation EPM240 Datasheet HTML 37Page - Altera Corporation EPM240 Datasheet HTML 38Page - Altera Corporation EPM240 Datasheet HTML 39Page - Altera Corporation EPM240 Datasheet HTML 40Page - Altera Corporation EPM240 Datasheet HTML 41Page - Altera Corporation EPM240 Datasheet HTML 42Page - Altera Corporation EPM240 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Chapter 2: MAX II Architecture
2–31
I/O Structure
© October 2008
Altera Corporation
MAX II Device Handbook
Bus Hold
Each MAX II device I/O pin provides an optional bus-hold feature. The bus-hold
circuitry can hold the signal on an I/O pin at its last-driven state. Since the bus-hold
feature holds the last-driven state of the pin until the next input signal is present, an
external pull-up or pull-down resistor is not necessary to hold a signal level when the
bus is tri-stated.
The bus-hold circuitry also pulls undriven pins away from the input threshold
voltage where noise can cause unintended high-frequency switching. The designer
can select this feature individually for each I/O pin. The bus-hold output will drive
no higher than V
CCIO to prevent overdriving signals. If the bus-hold feature is enabled,
the device cannot use the programmable pull-up option.
The bus-hold circuitry uses a resistor to pull the signal level to the last driven state.
The DC and Switching Characteristics chapter in the MAX II Device Handbook gives the
specific sustaining current for each V
CCIO voltage level driven through this resistor and
overdrive current used to identify the next-driven input level.
The bus-hold circuitry is only active after the device has fully initialized. The bus-hold
circuit captures the value on the pin present at the moment user mode is entered.
Programmable Pull-Up Resistor
Each MAX II device I/O pin provides an optional programmable pull-up resistor
during user mode. If the designer enables this feature for an I/O pin, the pull-up
resistor holds the output to the V
CCIO level of the output pin’s bank.
1 The programmable pull-up resistor feature should not be used at the same time as the
bus-hold feature on a given I/O pin.
Programmable Input Delay
The MAX II IOE includes a programmable input delay that is activated to ensure zero
hold times. A path where a pin directly drives a register, with minimal routing
between the two, may require the delay to ensure zero hold time. However, a path
where a pin drives a register through long routing or through combinational logic
may not require the delay to achieve a zero hold time. The Quartus II software uses
this delay to ensure zero hold times when needed.
MultiVolt I/O Interface
The MAX II architecture supports the MultiVolt I/O interface feature, which allows
MAX II devices in all packages to interface with systems of different supply voltages.
The devices have one set of VCC pins for internal operation (V
CCINT), and up to four
sets for input buffers and I/O output driver buffers (V
CCIO), depending on the number
of I/O banks available in the devices where each set of VCC pins powers one I/O
bank. The EPM240 and EPM570 devices have two I/O banks respectively while the
EPM1270 and EPM2210 devices have four I/O banks respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com