| Electronic Components Datasheet Search |
|
EPM240 Datasheet(PDF) 21 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPM240 Datasheet(HTML) 21 Page - Altera Corporation |
|
21 / 88 page ![]() Chapter 2: MAX II Architecture 2–13 MultiTrack Interconnect © October 2008 Altera Corporation MAX II Device Handbook The R4 interconnects span four LABs and are used for fast row connections in a four- LAB region. Every LAB has its own set of R4 interconnects to drive either left or right. Figure 2–10 shows R4 interconnect connections from an LAB. R4 interconnects can drive and be driven by row IOEs. For LAB interfacing, a primary LAB or horizontal LAB neighbor can drive a given R4 interconnect. For R4 interconnects that drive to the right, the primary LAB and right neighbor can drive on to the interconnect. For R4 interconnects that drive to the left, the primary LAB and its left neighbor can drive on to the interconnect. R4 interconnects can drive other R4 interconnects to extend the range of LABs they can drive. R4 interconnects can also drive C4 interconnects for connections from one row to another. The column interconnect operates similarly to the row interconnect. Each column of LABs is served by a dedicated column interconnect, which vertically routes signals to and from LABs and row and column IOEs. These column resources include: ■ LUT chain interconnects within an LAB ■ Register chain interconnects within an LAB ■ C4 interconnects traversing a distance of four LABs in an up and down direction MAX II devices include an enhanced interconnect structure within LABs for routing LE output to LE input connections faster using LUT chain connections and register chain connections. The LUT chain connection allows the combinational output of an LE to directly drive the fast input of the LE right below it, bypassing the local interconnect. These resources can be used as a high-speed connection for wide fan-in Figure 2–10. R4 Interconnect Connections Notes to Figure 2–10: (1) C4 interconnects can drive R4 interconnects. (2) This pattern is repeated for every LAB in the LAB row. Primary LAB (2) R4 Interconnect Driving Left Adjacent LAB can drive onto another LAB’s R4 Interconnect C4 Column Interconnects (1) R4 Interconnect Driving Right LAB Neighbor LAB Neighbor |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |