Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 13 Page - Altera Corporation

Part # EPM240
Description  Section I. MAX II Device Family Data Sheet
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 9Page - Altera Corporation EPM240 Datasheet HTML 10Page - Altera Corporation EPM240 Datasheet HTML 11Page - Altera Corporation EPM240 Datasheet HTML 12Page - Altera Corporation EPM240 Datasheet HTML 13Page - Altera Corporation EPM240 Datasheet HTML 14Page - Altera Corporation EPM240 Datasheet HTML 15Page - Altera Corporation EPM240 Datasheet HTML 16Page - Altera Corporation EPM240 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Chapter 2: MAX II Architecture
2–5
Logic Array Blocks
© October 2008
Altera Corporation
MAX II Device Handbook
LAB Control Signals
Each LAB contains dedicated logic for driving control signals to its LEs. The control
signals include two clocks, two clock enables, two asynchronous clears, a
synchronous clear, an asynchronous preset/load, a synchronous load, and
add/subtract control signals, providing a maximum of 10 control signals at a time.
Although synchronous load and clear signals are generally used when implementing
counters, they can also be used with other functions.
Each LAB can use two clocks and two clock enable signals. Each LAB’s clock and
clock enable signals are linked. For example, any LE in a particular LAB using the
labclk1
signal also uses labclkena1. If the LAB uses both the rising and falling
edges of a clock, it also uses both LAB-wide clock signals. Deasserting the clock
enable signal turns off the LAB-wide clock.
Each LAB can use two asynchronous clear signals and an asynchronous load/preset
signal. By default, the Quartus II software uses a NOT gate push-back technique to
achieve preset. If you disable the NOT gate push-back option or assign a given register
to power-up high using the Quartus II software, the preset is then achieved using the
asynchronous load signal with asynchronous load data input tied high.
With the LAB-wide addnsub control signal, a single LE can implement a one-bit adder
and subtractor. This saves LE resources and improves performance for logic functions
such as correlators and signed multipliers that alternate between addition and
subtraction depending on data.
The LAB column clocks [3..0], driven by the global clock network, and LAB local
interconnect generate the LAB-wide control signals. The MultiTrack interconnect
structure drives the LAB local interconnect for non-global control signal generation.
The MultiTrack interconnect’s inherent low skew allows clock and control signal
distribution in addition to data. Figure 2–5 shows the LAB control signal generation
circuit.
Figure 2–4. DirectLink Connection
LAB
DirectLink
interconnect
to right
DirectLink interconnect from
right LAB or IOE output
DirectLink interconnect from
left LAB or IOE output
Local
Interconnect
DirectLink
interconnect
to left
LE0
LE1
LE2
LE3
LE4
LE6
LE7
LE8
LE9
LE5
Logic Element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com