Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 60 Page - Altera Corporation

Part # EPM240
Description  Section I. MAX II Device Family Data Sheet
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 60 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 56Page - Altera Corporation EPM240 Datasheet HTML 57Page - Altera Corporation EPM240 Datasheet HTML 58Page - Altera Corporation EPM240 Datasheet HTML 59Page - Altera Corporation EPM240 Datasheet HTML 60Page - Altera Corporation EPM240 Datasheet HTML 61Page - Altera Corporation EPM240 Datasheet HTML 62Page - Altera Corporation EPM240 Datasheet HTML 63Page - Altera Corporation EPM240 Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
5–2
Chapter 5: DC and Switching Characteristics
Operating Conditions
MAX II Device Handbook
© August 2009
Altera Corporation
Recommended Operating Conditions
Table 5–2 shows the MAX II device family recommended operating conditions.
Table 5–2. MAX II Device Recommended Operating Conditions
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
V
CCINT (1)
3.3-V supply voltage for internal logic and
ISP
MAX II devices
3.00
3.60
V
2.5-V supply voltage for internal logic and
ISP
MAX II devices
2.375
2.625
V
1.8-V supply voltage for internal logic and
ISP
MAX IIG and MAX IIZ
devices
1.71
1.89
V
V
CCIO (1)
Supply voltage for I/O buffers, 3.3-V
operation
—3.00
3.60
V
Supply voltage for I/O buffers, 2.5-V
operation
—
2.375
2.625
V
Supply voltage for I/O buffers, 1.8-V
operation
—1.71
1.89
V
Supply voltage for I/O buffers, 1.5-V
operation
—
1.425
1.575
V
V
I
Input voltage
(2), (3), (4)
–0.5
4.0
V
V
O
Output voltage
—
0
V
CCIO
V
T
J
Operating junction temperature
Commercial range
0
85
°C
Industrial range
–40
100
°C
Extended range (5)
–40
125
°C
Notes to Table 5–2:
(1) MAX II device in-system programming and/or user flash memory (UFM) programming via JTAG or logic array is not guaranteed outside the
recommended operating conditions (for example, if brown-out occurs in the system during a potential write/program sequence to the UFM,
users are recommended to read back UFM contents and verify against the intended write data).
(2) Minimum DC input is –0.5 V. During transitions, the inputs may undershoot to –2.0 V for input currents less than 100 mA and periods shorter
than 20 ns.
(3) During transitions, the inputs may overshoot to the voltages shown in the following table based upon input duty cycle. The DC case is equivalent
to 100% duty cycle. For more information about 5.0-V tolerance, refer to the Using MAX II Devices in Multi-Voltage Systems chapter in the
MAX II Device Handbook.
VIN
Max. Duty Cycle
4.0 V
100% (DC)
4.1
90%
4.2
50%
4.3
30%
4.4
17%
4.5
10%
(4) All pins, including clock, I/O, and JTAG pins, may be driven before VCCINT and VCCIO are powered.
(5) For the extended temperature range of 100 to 125º C, MAX II UFM programming (erase/write) is only supported via the JTAG interface. UFM
programming via the logic array interface is not guaranteed in this range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com