Electronic Components Datasheet Search
  English  ▼

X  

EPM240 Datasheet(PDF) 68 Page - Altera Corporation

Part # EPM240
Description  Section I. MAX II Device Family Data Sheet
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 Datasheet(HTML) 68 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 64Page - Altera Corporation EPM240 Datasheet HTML 65Page - Altera Corporation EPM240 Datasheet HTML 66Page - Altera Corporation EPM240 Datasheet HTML 67Page - Altera Corporation EPM240 Datasheet HTML 68Page - Altera Corporation EPM240 Datasheet HTML 69Page - Altera Corporation EPM240 Datasheet HTML 70Page - Altera Corporation EPM240 Datasheet HTML 71Page - Altera Corporation EPM240 Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
5–10
Chapter 5: DC and Switching Characteristics
Timing Model and Specifications
MAX II Device Handbook
© August 2009
Altera Corporation
Performance
Table 5–14 shows the MAX II device performance for some common designs. All
performance values were obtained with the Quartus II software compilation of
megafunctions. Performance values for –3, –4, and –5 speed grades are based on an
EPM1270 device target, while –6, –7, and –8 speed grades are based on an EPM570Z
device target.
EPM1270
—
v
EPM2210
—
v
Note to Table 5–13:
(1) The MAX IIZ device timing models are only available in the Quartus II software
version 8.0 and later.
Table 5–13. MAX II Device Timing Model Status
(Part 2 of 2)
Device
Preliminary
Final
Table 5–14. MAX II Device Performance
Resource
Used
Design Size and
Function
Resources Used
Performance
Unit
MAX II / MAX IIG
MAX IIZ
Mode
LEs
UFM
Blocks
–3
Speed
Grade
–4
Speed
Grade
–5
Speed
Grade
–6
Speed
Grade
–7
Speed
Grade
–8
Speed
Grade
LE
16-bit counter (1)
—
16
0
304.0
247.5
201.1
184.1
123.5
118.3
MHz
64-bit counter (1)
—
64
0
201.5
154.8
125.8
83.2
83.2
80.5
MHz
16-to-1 multiplexer
—
11
0
6.0
8.0
9.3
17.4
17.3
20.4
ns
32-to-1 multiplexer
—
24
0
7.1
9.0
11.4
12.5
22.8
25.3
ns
16-bit XOR function
—
5
0
5.1
6.6
8.2
9.0
15.0
16.1
ns
16-bit decoder with
single address line
—
5
0
5.2
6.6
8.2
9.2
15.0
16.1
ns
UFM
512 × 16
None
3
1
10.0
10.0
10.0
10.0
10.0
10.0
MHz
512 × 16
SPI (2)
37
1
8.0
8.0
8.0
9.7
9.7
9.7
MHz
512 × 8
Parallel
(3)
73
1
(4)
(4)
(4)
(4)
(4)
(4)
MHz
512 × 16
I2C (3)
142
1
100
(5)
100
(5)
100
(5)
100
(5)
100
(5)
100
(5)
kHz
Notes to Table 5–14:
(1) This design is a binary loadable up counter.
(2) This design is configured for read-only operation in Extended mode. Read and write ability increases the number of LEs used.
(3) This design is configured for read-only operation. Read and write ability increases the number of LEs used.
(4) This design is asynchronous.
(5) The I2C megafunction is verified in hardware up to 100-kHz serial clock line (SCL) rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com