Electronic Components Datasheet Search
  English  ▼

X  

FXP830 Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # FXP830
Description  Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FXP830 Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button FXP830 Datasheet HTML 17Page - Panasonic Semiconductor FXP830 Datasheet HTML 18Page - Panasonic Semiconductor FXP830 Datasheet HTML 19Page - Panasonic Semiconductor FXP830 Datasheet HTML 20Page - Panasonic Semiconductor FXP830 Datasheet HTML 21Page - Panasonic Semiconductor FXP830 Datasheet HTML 22Page - Panasonic Semiconductor FXP830 Datasheet HTML 23Page - Panasonic Semiconductor FXP830 Datasheet HTML 24Page - Panasonic Semiconductor FXP830 Datasheet HTML 25Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
PAN9019 / PAN9019A Wi-Fi and Bluetooth Module
5 RF Interface
Module Integration Guide Rev. 1.0
Page 21 of 50
➔ The measured return loss should look similar as shown:
It ensures that the antenna is correctly tuned and thus the antenna radiates in the correct
bands. Moreover, the effective impedance is close to 50 Ohm and the reflection towards the
module is low, which is a precondition for the Tx power amplifier and Rx low noise amplifier to
work as specified.
5.2.2
External Antennas
Antenna Warning
The PAN9019 / PAN9019A is tested with a standard MHF4(L) connector and
with the antennas
listed in the “PAN9019 / PAN9019A Product Specification”.
When integrated into the OEM’s product, these fixed antennas require
installation preventing end users from replacing them with non-approved
antennas.
Any antenna
not listed in the “PAN9019 / PAN9019A Product Specification”
must be tested to comply with FCC section 15.203 for unique antenna
connectors and with section 15.247 for emissions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com