Electronic Components Datasheet Search
  English  ▼

X  

FXP830 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # FXP830
Description  Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FXP830 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button FXP830 Datasheet HTML 9Page - Panasonic Semiconductor FXP830 Datasheet HTML 10Page - Panasonic Semiconductor FXP830 Datasheet HTML 11Page - Panasonic Semiconductor FXP830 Datasheet HTML 12Page - Panasonic Semiconductor FXP830 Datasheet HTML 13Page - Panasonic Semiconductor FXP830 Datasheet HTML 14Page - Panasonic Semiconductor FXP830 Datasheet HTML 15Page - Panasonic Semiconductor FXP830 Datasheet HTML 16Page - Panasonic Semiconductor FXP830 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
PAN9019 / PAN9019A Wi-Fi and Bluetooth Module
3 PAN9019 / PAN9019A Module
Module Integration Guide Rev. 1.0
Page 13 of 50
3.4
Solder Resist Mask and Solder Paste Stencil
It is recommended to use the following layout for the solder resist mask and the solder paste
stencil to reduce voids on the pads.
The following dimensions are recommended:
✓ The solder resist mask
should be 50 µm bigger (circumferential) than the pad size (non-sol-
der-mask-defined design).
✓ The solder paste stencil apertures should have the same size as the copper pads; they are
separated in two semi circles with 300 µm distance and are shifted about 150 µm towards
the outside.
For details on the dimensions of the copper pads please refer to
 3.3 Footprint.
Solder Paste Stencil Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com