Electronic Components Datasheet Search
  English  ▼

X  

FXP830 Datasheet(PDF) 24 Page - Panasonic Semiconductor

Part # FXP830
Description  Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FXP830 Datasheet(HTML) 24 Page - Panasonic Semiconductor

Back Button FXP830 Datasheet HTML 20Page - Panasonic Semiconductor FXP830 Datasheet HTML 21Page - Panasonic Semiconductor FXP830 Datasheet HTML 22Page - Panasonic Semiconductor FXP830 Datasheet HTML 23Page - Panasonic Semiconductor FXP830 Datasheet HTML 24Page - Panasonic Semiconductor FXP830 Datasheet HTML 25Page - Panasonic Semiconductor FXP830 Datasheet HTML 26Page - Panasonic Semiconductor FXP830 Datasheet HTML 27Page - Panasonic Semiconductor FXP830 Datasheet HTML 28Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
PAN9019 / PAN9019A Wi-Fi and Bluetooth Module
5 RF Interface
Module Integration Guide Rev. 1.0
Page 24 of 50
5.2.2.3
Terminal Mount Antennas
Part Number
Vendor
Type
Max. Gain
(2.4
 GHz
band)
Max. Gain
(5
 GHz
band)
Cables5
GW.51.5153
Taoglas
Terminal
Mount
5.2
 dBi
5.5
 dBi
CAB.S140 (50 mm)
CAB.S119 (100 mm)
CAB.S141 (150 mm)
CAB.S142 (200 mm)
CAB.S143 (300 mm)
2JW1102-C943B
2J
Terminal
Mount
4.1
 dBi
3.9
 dBi
C213GST-005MC137-MHF4L
(50 mm)
C213GST-010MC137-MHF4L
(100 mm)
C213GST-015MC137-MHF4L
(150 mm)
C213GST-020MC137-MHF4L
(200 mm)
C213GST-025MC137-MHF4L
(250 mm)
C213GST-030MC137-MHF4L
(300 mm)
X9000294-
W3DRMB
Kyocera
AVX
Terminal
Mount
3.2
 dBi
4.5
 dBi
ACM13-04LB030SAR00 (30 mm)
ACM13-04LB050SAR00 (50 mm)
ACM13-04LB100SAR00 (100 mm)
ACM13-04LB150SAR00 (150 mm)
ACM13-04LB200SAR00 (200 mm)
ACM13-04LB300SAR00 (300 mm)
X9001748-
W3DRMB
Kyocera
AVX
Terminal
Mount
3.2
 dBi
3.6
 dBi
ACM13-04LB030SAR00 (30 mm)
ACM13-04LB050SAR00 (50 mm)
ACM13-04LB100SAR00 (100 mm)
ACM13-04LB150SAR00 (150 mm)
ACM13-04LB200SAR00 (200 mm)
ACM13-04LB300SAR00 (300 mm)
X9003019-
W3DRMB (Black)
X9003019-
W3DRMW (White)
Kyocera
AVX
Terminal
Mount
2.8
 dBi
4.9
 dBi
ACM13-04LB030SAR00 (30 mm)
ACM13-04LB050SAR00 (50 mm)
ACM13-04LB100SAR00 (100 mm)
ACM13-04LB150SAR00 (150 mm)
ACM13-04LB200SAR00 (200 mm)
ACM13-04LB300SAR00 (300 mm)
5 MHF4L to RP-SMA (female) cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com