Electronic Components Datasheet Search
  English  ▼

X  

FXP830 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # FXP830
Description  Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FXP830 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button FXP830 Datasheet HTML 6Page - Panasonic Semiconductor FXP830 Datasheet HTML 7Page - Panasonic Semiconductor FXP830 Datasheet HTML 8Page - Panasonic Semiconductor FXP830 Datasheet HTML 9Page - Panasonic Semiconductor FXP830 Datasheet HTML 10Page - Panasonic Semiconductor FXP830 Datasheet HTML 11Page - Panasonic Semiconductor FXP830 Datasheet HTML 12Page - Panasonic Semiconductor FXP830 Datasheet HTML 13Page - Panasonic Semiconductor FXP830 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
PAN9019 / PAN9019A Wi-Fi and Bluetooth Module
3 PAN9019 / PAN9019A Module
Module Integration Guide Rev. 1.0
Page 10 of 50
3
PAN9019 / PAN9019A Module
3.1
Block Diagram
PAN9019 (ENWF9501C1KF)
PAN9019A (ENWF9511C1KF)
RF Pad
SDIO (Wi-Fi)
Crystal
40 MHz
NXP
®
IW611 Radio SoC
PAN9019
Wi-Fi and Bluetooth® Radio Module
IEEE 802.11 a/b/g/n/ac/ax
Bluetooth 5.4 (BR, EDR, Low Energy)
UART (BT)
GPIO
PDn
I²S/PCM
COEX
V1V8
V3V3
SPDT
Diplexer
HB
LB
C
VIO/VIOSD
RF SW
RF Pad
SDIO (Wi-Fi)
Crystal
40 MHz
NXP
®
IW612 Radio SoC
PAN9019A
Wi-Fi, Bluetooth® and 802.15.4 Radio Module
IEEE 802.11 a/b/g/n/ac/ax
Bluetooth 5.4 (BR, EDR, Low Energy)
IEEE 802.15.4-2015 2.4 GHz
UART (BT)
GPIO
PDn
I²S/PCM
COEX
V1V8
V3V3
SPDT
Diplexer
HB
LB
C
VIO/VIOSD
RF SW
SPI (802.15.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com