Electronic Components Datasheet Search
  English  ▼

X  

FXP830 Datasheet(PDF) 35 Page - Panasonic Semiconductor

Part # FXP830
Description  Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FXP830 Datasheet(HTML) 35 Page - Panasonic Semiconductor

Back Button FXP830 Datasheet HTML 31Page - Panasonic Semiconductor FXP830 Datasheet HTML 32Page - Panasonic Semiconductor FXP830 Datasheet HTML 33Page - Panasonic Semiconductor FXP830 Datasheet HTML 34Page - Panasonic Semiconductor FXP830 Datasheet HTML 35Page - Panasonic Semiconductor FXP830 Datasheet HTML 36Page - Panasonic Semiconductor FXP830 Datasheet HTML 37Page - Panasonic Semiconductor FXP830 Datasheet HTML 38Page - Panasonic Semiconductor FXP830 Datasheet HTML 39Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
PAN9019 / PAN9019A Wi-Fi and Bluetooth Module
8 Software Integration
Module Integration Guide Rev. 1.0
Page 35 of 50
8.1.2
File Overview
The file structure on the linux host system is illustrated below. Following parts are present inside
the lib/firmware/nxp folder:
/
└── lib
├── firmware
│
└── nxp
│
├── sduart_nw61x_v1.bin.se
│
├── sd_w61x_v1.bin.se
│
├── uartspi_n61x_v1.bin.se
│
├── rgpower_WW.bin
│
├── rgpower_US.bin
│
└── wifi_mod_para.conf
└── modules
└── <kernel_version>
└── extra
├── mlan.ko
└── moal.ko
• The firmware files
–
sduart_nw61x_v1.bin.se: Wi-Fi, Bluetooth + 802.15.4 combo firmware
–
sd_w61x_v1.bin.se: Wi-Fi only firmware
–
uartspi_n61x_v1.bin.se: Bluetooth + 802.15.4 only firmware
• The rgpower files
–
rgpower_WW.bin: World-wide file
–
rgpower_US.bin: File for the country of operation (US in this case)
• The driver parameter configuration file
–
wifi_mod_para.conf: Configuration file that contains parameters for the driver
installation (see  8.1.3 Driver Parameters and  8.1.4 Installing Drivers)
• The drivers are located in the folder extra.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com