Electronic Components Datasheet Search
  English  ▼

X  

FXP830 Datasheet(PDF) 39 Page - Panasonic Semiconductor

Part # FXP830
Description  Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FXP830 Datasheet(HTML) 39 Page - Panasonic Semiconductor

Back Button FXP830 Datasheet HTML 35Page - Panasonic Semiconductor FXP830 Datasheet HTML 36Page - Panasonic Semiconductor FXP830 Datasheet HTML 37Page - Panasonic Semiconductor FXP830 Datasheet HTML 38Page - Panasonic Semiconductor FXP830 Datasheet HTML 39Page - Panasonic Semiconductor FXP830 Datasheet HTML 40Page - Panasonic Semiconductor FXP830 Datasheet HTML 41Page - Panasonic Semiconductor FXP830 Datasheet HTML 42Page - Panasonic Semiconductor FXP830 Datasheet HTML 43Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
PAN9019 / PAN9019A Wi-Fi and Bluetooth Module
8 Software Integration
Module Integration Guide Rev. 1.0
Page 39 of 50
phy#2 (self-managed)
country 00: DFS-UNSET
(2402 - 2427 @ 20), (N/A, 19), (N/A)
(2412 - 2462 @ 40), (N/A, 19), (N/A)
(2447 - 2472 @ 20), (N/A, 19), (N/A)
2.
Use the command iw reg set to change to the configuration of the country, in which
the device is operated. The following example initiates a change to the US configuration:
$ iw reg set US
Trying download country_power_tble: nxp/rgpower_US.bin
Request firmware: nxp/rgpower_US.bin
➔ Now the self-managed interface has changed by calling iw reg get.
$ iw reg get
global
country US: DFS-FCC
(902 - 904 @ 2), (N/A, 30), (N/A)
(904 - 920 @ 16), (N/A, 30), (N/A)
(920 - 928 @ 8), (N/A, 30), (N/A)
(2400 - 2472 @ 40), (N/A, 30), (N/A)
(5150 - 5250 @ 80), (N/A, 23), (N/A), AUTO-BW
(5250 - 5350 @ 80), (N/A, 24), (0 ms), DFS, AUTO-BW
(5470 - 5730 @ 160), (N/A, 24), (0 ms), DFS
(5730 - 5850 @ 80), (N/A, 30), (N/A), AUTO-BW
(5850 - 5895 @ 40), (N/A, 27), (N/A), NO-OUTDOOR, AUTO-BW, PASSIVE-SCAN
(5925 - 7125 @ 320), (N/A, 12), (N/A), NO-OUTDOOR, PASSIVE-SCAN
(57240 - 71000 @ 2160), (N/A, 40), (N/A)
phy#2 (self-managed)
country US: DFS-FCC
(2402 - 2427 @ 20), (N/A, 19), (N/A)
(2412 - 2462 @ 40), (N/A, 19), (N/A)
(2447 - 2472 @ 20), (N/A, 19), (N/A)
(5170 - 5250 @ 80), (N/A, 19), (N/A)
(5250 - 5330 @ 80), (N/A, 19), (0 ms), DFS, PASSIVE-SCAN
(5490 - 5730 @ 80), (N/A, 19), (0 ms), DFS, PASSIVE-SCAN
(5735 - 5815 @ 80), (N/A, 19), (N/A)
(5815 - 5835 @ 20), (N/A, 19), (N/A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com