Electronic Components Datasheet Search
  English  ▼

X  

INA125 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA125
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA125 Datasheet(HTML) 3 Page - Texas Instruments

  INA125 Datasheet HTML 1Page - Texas Instruments INA125 Datasheet HTML 2Page - Texas Instruments INA125 Datasheet HTML 3Page - Texas Instruments INA125 Datasheet HTML 4Page - Texas Instruments INA125 Datasheet HTML 5Page - Texas Instruments INA125 Datasheet HTML 6Page - Texas Instruments INA125 Datasheet HTML 7Page - Texas Instruments INA125 Datasheet HTML 8Page - Texas Instruments INA125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
®
INA125
INA125P, U
INA125PA, UA
PARAMETER CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 4
150
T
kHz
G = 10
45
T
kHz
G = 100
4.5
T
kHz
G = 500
0.9
T
kHz
Slew Rate
G = 4, 10V Step
0.2
T
V/
µs
Settling Time, 0.01%
G = 4, 10V Step
60
T
µs
G = 10, 10V Step
83
T
µs
G = 100, 10V Step
375
T
µs
G = 500, 10V Step
1700
T
µs
Overload Recovery
50% Overdrive
5
T
µs
POWER SUPPLY
Specified Operating Voltage
±15
T
V
Specified Voltage Range
±1.35
±18
TT
V
Quiescent Current, Positive
IO = IREF = 0mA
460
525
TT
µA
Negative
IO = IREF = 0mA
–280
–325
TT
µA
Reference Ground Current(3)
180
T
µA
Sleep Current (VSLEEP ≤ 100mV)
RL = 10kΩ, Ref Load = 2kΩ±1
±25
TT
µA
SLEEP MODE PIN(4)
VIH (Logic high input voltage)
+2.7
V+
TT
V
VIL (Logic low input voltage)
0
+0.1
TT
V
IIH (Logic high input current)
15
T
µA
IIL (Logic low input current)
0
T
µA
Wake-up Time(5)
150
T
µs
TEMPERATURE RANGE
Specification Range
–40
+85
TT
°C
Operation Range
–55
+125
TT
°C
Storage Range
–55
+125
TT
°C
Thermal Resistance,
θ
JA
16-Pin DIP
80
T
°C/W
SO-16 Surface-Mount
100
T
°C/W
T Specification same as INA125P, U.
NOTES: (1) Temperature coefficient of the "Internal Resistor" in the gain equation. Does not include TCR of gain-setting resistor, RG. (2) Dropout voltage is the
positive supply voltage minus the reference voltage that produces a 1% decrease in reference voltage. (3) VREFCOM pin. (4) Voltage measured with respect to
Reference Common. Logic low input selects Sleep mode. (5) IA and Reference, see Typical Performance Curves.
SPECIFICATIONS: VS = ±15V (CONT)
At TA = +25°C, VS = ±15V, IA common = 0V, VREF common = 0V, and RL = 10kΩ, unless otherwise noted.
INA125P, U
INA125PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
Initial
±75
±500
T
±750
µV
vs Temperature
±0.25
T
µV/°C
vs Power Supply
VS = +2.7V to +36V
3
20
T
50
µV/V
Input Voltage Range
See Text
T
Common-Mode Rejection
VCM = +1.1V to +3.6V
G = 4
78
84
72
T
dB
G = 10
86
94
80
T
dB
G = 100
100
114
90
T
dB
G = 500
100
114
90
T
dB
GAIN
Gain Error
VO = +0.3V to +3.8V
G = 4
±0.01
T
%
OUTPUT
Voltage, Positive
(V+)–1.2
(V+)–0.8
TT
V
Negative
(V–)+0.3
(V–)+0.15
TT
V
POWER SUPPLY
Specified Operating Voltage
+5
T
V
Operating Voltage Range
+2.7
+36
TT
V
Quiescent Current
IO = IREF = 0mA
460
525
TT
µA
Sleep Current (VSLEEP ≤ 100mV)
RL = 10kΩ, Ref Load = 2kΩ±1
±25
TT
µA
T Specification same as INA125P, U.
SPECIFICATIONS: VS = +5V
At TA = +25°C, VS = +5V, IA common at VS/2, VREF common = VS /2, VCM = VS/2, and RL = 10kΩ to VS/2, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com