Electronic Components Datasheet Search
  English  ▼

X  

INA125 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA125
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA125 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA125 Datasheet HTML 6Page - Texas Instruments INA125 Datasheet HTML 7Page - Texas Instruments INA125 Datasheet HTML 8Page - Texas Instruments INA125 Datasheet HTML 9Page - Texas Instruments INA125 Datasheet HTML 10Page - Texas Instruments INA125 Datasheet HTML 11Page - Texas Instruments INA125 Datasheet HTML 12Page - Texas Instruments INA125 Datasheet HTML 13Page - Texas Instruments INA125 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
®
INA125
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA125. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the instrumentation amplifier refer-
ence (IAREF) terminal which is normally grounded. This
must be a low impedance connection to assure good com-
mon-mode rejection. A resistance of 12
Ω in series with the
IAREF pin will cause a typical device to degrade to approxi-
mately 80dB CMR (G = 4).
Connecting V
REFOUT (pin 4) to one of the four available
reference voltage pins (VREFBG, VREF2.5, VREF5, or VREF10)
provides an accurate voltage source for bridge applications.
For example, in Figure 1 VREFOUT is connected to VREF10
thus supplying 10V to the bridge. It is recommended that
VREFOUT be connected to one of the reference voltage pins
even when the reference is not being utilized to avoid
saturating the reference amplifier. Driving the SLEEP pin
LOW puts the INA125 in a shutdown mode.
SETTING THE GAIN
Gain of the INA125 is set by connecting a single external
resistor, RG, between pins 8 and 9:
(1)
Commonly used gains and RG resistor values are shown in
Figure 1.
DESIRED GAIN
RG
NEAREST 1%
(V/V)
(
Ω)R
G VALUE (Ω)
4NC
NC
5
60k
60.4k
10
10k
10k
20
3750
3740
50
1304
1300
100
625
619
200
306
309
500
121
121
1000
60
60.4
2000
30
30.1
10000
6
6.04
NC: No Connection.
FIGURE 1. Basic Connections.
G
=4 + 60
k
Ω
R
G
A
1
Ref
Amp
10V
A
2
30k
Ω
10k
Ω
10k
Ω
30k
Ω
Bandgap
V
REF
13
12
1
14
15
16
4
6
9
10
11
IA
REF
V
O
5
8
7
R
G
Load
Sense
+
–
R(2)
R
2R
4R
INA125
V
REFCOM
V
REFBG
V
REF2.5
V
REF5
V
REF10
V
REFOut
V
IN
0.1µF
V+
+
V
IN
–
2
SLEEP(1)
3
0.1µF
V–
V
O = (VIN – VIN) G
G = 4 + 60k
Ω
+–
R
G
NOTE: (1) SLEEP pin should be connected
to V+ if shutdown function is not being used.
(2) Nominal value of R is 21k
Ω, ±25%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com