Electronic Components Datasheet Search
  English  ▼

X  

INA125 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA125
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA125 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA125 Datasheet HTML 4Page - Texas Instruments INA125 Datasheet HTML 5Page - Texas Instruments INA125 Datasheet HTML 6Page - Texas Instruments INA125 Datasheet HTML 7Page - Texas Instruments INA125 Datasheet HTML 8Page - Texas Instruments INA125 Datasheet HTML 9Page - Texas Instruments INA125 Datasheet HTML 10Page - Texas Instruments INA125 Datasheet HTML 11Page - Texas Instruments INA125 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
®
INA125
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±15V, unless otherwise noted.
REFERENCE TURN-ON SETTLING TIME
Time From Power Supply Turn-On (µs)
050
10
20
30
40
15
12
9
6
4
0
–3
–6
–9
–12
–15
V
REF = 10V
V
REF = 5V
V
REF = 2.5V
REFERENCE VOLTAGE DEVIATION
vs TEMPERATURE
Temperature (°C)
–75
125
–50
–25
0
25
50
75
100
50
0
–50
–100
–150
–200
V
REF = VBG, 2.5V, 5V, or 10V
INPUT-REFERRED OFFSET VOLTAGE
PRODUCTION DISTRIBUTION, V
S = ±15V
Input-Referred Offset Voltage (µV)
30
25
20
15
10
5
0
Typical production
distribution of
packaged units.
0.02%
0.1%
0.02%
0.1%
INPUT-REFERRED OFFSET VOLTAGE
PRODUCTION DISTRIBUTION, V
S = +5V
Input-Referred Offset Voltage (µV)
35
30
25
20
15
10
5
0
Typical production
distribution of
packaged units.
0.02%
0.05%
0.1%
0.1%
INPUT-REFERRED OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Input-Referred Offset Voltage Drift (µV/°C)
90
80
70
60
50
40
30
20
10
0
Typical production
distribution of packaged units.
V
S = ±15V or +5V
VOLTAGE REFERENCE DRIFT
PRODUCTION DISTRIBUTION
Voltage Reference Drift (ppm/°C)
100
90
80
70
60
50
40
30
20
10
0
Typical production
distribution of packaged units.
0.3%
0.2%
0.05%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com