Electronic Components Datasheet Search
  English  ▼

X  

INA125 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA125
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA125 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA125 Datasheet HTML 2Page - Texas Instruments INA125 Datasheet HTML 3Page - Texas Instruments INA125 Datasheet HTML 4Page - Texas Instruments INA125 Datasheet HTML 5Page - Texas Instruments INA125 Datasheet HTML 6Page - Texas Instruments INA125 Datasheet HTML 7Page - Texas Instruments INA125 Datasheet HTML 8Page - Texas Instruments INA125 Datasheet HTML 9Page - Texas Instruments INA125 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
®
INA125
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±15V, unless otherwise noted.
SLEW RATE vs TEMPERATURE
Temperature (°C)
0.30
0.25
0.20
0.15
0.10
0.05
0
–75
–50
–25
0
25
50
75
100
125
INPUT BIAS AND OFFSET CURRENT
vs TEMPERATURE
Temperature (°C)
16
14
12
10
8
6
4
2
0
–75
–50
–25
0
25
50
75
100
125
I
B
I
OS
INPUT-REFERRED VOLTAGE AND CURRENT NOISE
vs FREQUENCY
Frequency (Hz)
1
100
10
1k
10k
1k
100
10
1
1k
100
10
1
100k
Voltage Noise
Current Noise
INPUT-REFERRED OFFSET VOLTAGE
vs SLEEP TURN-ON TIME
Time From Turn-On (µs)
0
250
50
100
150
200
100
80
60
40
20
0
–20
–40
–60
–80
–100
G = 100
SETTLING TIME vs GAIN
Gain (V/V)
1
100
10
1k
10k
1k
100
10
0.1%
0.01%
QUIESCENT CURRENT AND SLEEP CURRENT
vs TEMPERATURE
Temperature (°C)
550
500
450
400
350
300
250
200
150
100
50
0
–50
–75
–50
–25
0
25
50
75
100
125
–I
SLEEP
–I
Q
+I
Q
±I
SLEEP
+I
SLEEP
V
SLEEP = 100mV
V
SLEEP = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com