Electronic Components Datasheet Search
  English  ▼

X  

INA125 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA125
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA125 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA125 Datasheet HTML 3Page - Texas Instruments INA125 Datasheet HTML 4Page - Texas Instruments INA125 Datasheet HTML 5Page - Texas Instruments INA125 Datasheet HTML 6Page - Texas Instruments INA125 Datasheet HTML 7Page - Texas Instruments INA125 Datasheet HTML 8Page - Texas Instruments INA125 Datasheet HTML 9Page - Texas Instruments INA125 Datasheet HTML 10Page - Texas Instruments INA125 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
®
INA125
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±15V, unless otherwise noted.
100
µs/div
100
µs/div
1
µs/div
INPUT-REFERRED NOISE, 0.1Hz to 10Hz
SMALL-SIGNAL RESPONSE
LARGE-SIGNAL RESPONSE
INPUT BIAS CURRENT
vs INPUT OVERLOAD VOLTAGE
Overload Voltage (V)
–40
40
0
200
160
120
80
40
0
–40
–80
–120
–160
–200
All Gains
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
0
±2
±4±6±8
±10
Output Current (mA)
+125°C
V+
(V+)–1
(V+)–2
(V+)–3
(V+)–4
(V+)–5
(V–)+5
(V–)+4
(V–)+3
(V–)+2
(V–)+1
V–
+75°C
–55°C
+125°C
–55°C
+25°C
+75°C
+25°C
DELTA V
OS vs REFERENCE CURRENT
Reference Current (mA)
25
20
15
10
5
0
–5
–8
–6
–4
–2
0
2
4
6
8
Sourcing
Sinking
G = 4
G = 100
G = 4
G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com