Electronic Components Datasheet Search
  English  ▼

X  

INA125 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA125
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA125 Datasheet(HTML) 4 Page - Texas Instruments

  INA125 Datasheet HTML 1Page - Texas Instruments INA125 Datasheet HTML 2Page - Texas Instruments INA125 Datasheet HTML 3Page - Texas Instruments INA125 Datasheet HTML 4Page - Texas Instruments INA125 Datasheet HTML 5Page - Texas Instruments INA125 Datasheet HTML 6Page - Texas Instruments INA125 Datasheet HTML 7Page - Texas Instruments INA125 Datasheet HTML 8Page - Texas Instruments INA125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
®
INA125
PIN CONFIGURATION
Top View
16-Pin DIP, SO-16
Power Supply Voltage, V+ to V– ........................................................ 36V
Input Signal Voltage ..........................................................................
±40V
Output Short Circuit ................................................................. Continuous
Operating Temperature ................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: Stresses above these ratings may cause permanent damage.
ABSOLUTE MAXIMUM RATINGS(1)
V+
SLEEP
V–
V
REFOUT
IA
REF
V
IN
V
IN
R
G
V
REF10
V
REF5
V
REF2.5
V
REFBG
V
REFCOM
Sense
V
O
R
G
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–
+
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
INA125PA
16-Pin Plastic DIP
180
INA125P
16-Pin Plastic DIP
180
INA125UA
SO-16 Surface-Mount
265
INA125U
SO-16 Surface-Mount
265
NOTES: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com