Electronic Components Datasheet Search
  English  ▼

X  

AMC7820 Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC7820
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820 Datasheet(HTML) 2 Page - Texas Instruments

  AMC7820 Datasheet HTML 1Page - Texas Instruments AMC7820 Datasheet HTML 2Page - Texas Instruments AMC7820 Datasheet HTML 3Page - Texas Instruments AMC7820 Datasheet HTML 4Page - Texas Instruments AMC7820 Datasheet HTML 5Page - Texas Instruments AMC7820 Datasheet HTML 6Page - Texas Instruments AMC7820 Datasheet HTML 7Page - Texas Instruments AMC7820 Datasheet HTML 8Page - Texas Instruments AMC7820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
2
ELECTRICAL CHARACTERISTICS
At –40
°C to +85°C, AV
DD, DVDD, BVDD = +5V, using external 2.5V reference, unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS(1)
AVDD, DVDD, BVDD to GND .................................................. –0.3V to +6V
Digital Input Voltage to GND ................................. –0.3V to BVDD + 0.3V
Analog Input Voltage to GND ................................ –0.3V to AVDD + 0.3V
Input Current: Continuous ..............................................................
±20mA
Momentary ............................................................
±100mA
Operating Temperature Range ...................................... –40
°C to +105°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature (TJ Max) .................................................... +150°C
TQFP Package
Power Dissipation ....................................................... (TJ Max – TA)/θJA
θ
JC Thermal Impedance ............................................................. 15°C/W
θ
JA Thermal Impedance ............................................................. 60°C/W
Lead Temperature (soldering)
Vapor Phase (60s) .................................................................. +220
°C
Infrared (15s) ........................................................................... +220
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
SPECIFIED
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
AMC7820Y
TQFP-48
PFB
–40
°C to +85°C
AMC7820Y
AMC7820Y/250
Tape and Reel, 250
AMC7820Y
““
“
AMC7820Y
AMC7820Y/2K
Tape and Reel, 2000
PACKAGE/ORDERING INFORMATION
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
ADC ANALOG INPUTS(1)
Channels 2-5
Input Voltage Range
02 • VREF
V
Input Impedance
5M
Ω
Input Capacitance
15
pF
Input Leakage Current
±1
µA
ADC
Resolution
12
Bits
No Missing Codes
12
Bits
Integral Linearity
±1
±2
LSB(2)
Differential Linearity
±1LSB
Offset Error
±2
±5LSB
Offset Error Drift
±4
ppm/
°C
Offset Error Match
Channels 2-5
0.5
1
LSB
Gain Error
±0.3
±1.5
%
Gain Error Match
Channels 2-5
0.3
1
LSB
Noise
150
µVrms
Power-Supply Rejection
+AVDD, +DVDD = +5V ±5%
1.2
LSB
Throughput Rate
100
kHz
Total Conversion Time
Scan All 8 Channels
80
µs
DAC(3)
Output Voltage Range
DAC_OUT_SET Connected to DAC_OUT
0
VREF
V
DAC_OUT_SET = AGND
0
2 • VREF
V
Output Current
Refer to the Characteristic Curves
±1mA
Resolution
12
Bits
Integral Linearity(4)
±4
±8LSB
Monotonicity
12
Bits
Differential Linearity
±0.1
±1LSB
Offset Error
Output Range 0 – VREF
±0.5
±5mV
Output Range 0 – 2 • VREF
±1
±10
mV
Offset Error Drift
±4
ppm/
°C
Gain Error
Output Range = 0V to 2 • VREF or 0V to VREF
±0.3
±1.5
%
Settling Time
Step Between Codes 1024 and 2048
3
µs
Code Change Glitch Impulse
1LSB Change Around Major Carry
20
nV-s
THERMISTOR CURRENT SOURCE
Output Current Range
10
100
1000
µA
Output Current Accuracy
RISET = 100kΩ
98
102
µA
Output Impedance
RISET = 100kΩ
500
M
Ω
Compliance Voltage
03
V
Power-Supply Rejection Ratio
60
dB
AMC7820
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com