Electronic Components Datasheet Search
  English  ▼

X  

AMC7820 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC7820
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC7820 Datasheet HTML 17Page - Texas Instruments AMC7820 Datasheet HTML 18Page - Texas Instruments AMC7820 Datasheet HTML 19Page - Texas Instruments AMC7820 Datasheet HTML 20Page - Texas Instruments AMC7820 Datasheet HTML 21Page - Texas Instruments AMC7820 Datasheet HTML 22Page - Texas Instruments AMC7820 Datasheet HTML 23Page - Texas Instruments AMC7820 Datasheet HTML 24Page - Texas Instruments AMC7820 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
21
LASER DIODE CONTROL
The laser diode control loop, see Figure 7, maintains a
constant diode current. The loop consists of an integrator
(OPA1), a DAC (DAC2) to set the desired laser diode current,
a transimpedance amplifier (OPA4) to monitor the optical
power, an external current sense resistor, an external instru-
mentation amplifier (or difference amplifier) to sense the laser
diode current, and an external laser diode current driver.
The current through the laser diode is sensed by the external
sense resistor. The voltage across this resistor is fed to the
instrumentation amplifier (gain of 10) which can have its
inputs driven below ground. The output from this amplifier
represents the laser diode current, and is fed back into the
inverting input of the integrator (OPA1), closing the loop. The
output of OPA1 drives the external power current driver. In
normal operation, SW1 is enabled connecting the output of
DAC2 (which represents the set point of the desired laser
diode current) to the noninverting input of OPA1. After
power-on or reset, SW1 is disabled and the noninverting
input of OPA1 connects to ground. This forces laser current
to zero, thereby shutting it down.
For applications where the laser diode cathode is grounded,
all biasing voltages will be positive relative to ground. In this
case, the external INA143 instrumentation amplifier can be
eliminated, and an internal op amp can be substituted and
configured as a 4-resistor difference amplifier.
The output optical power of the laser diode is monitored by the
ADC (analog channel 1) through the back facet PIN diode and
the transimpedance amplifier OPA4. The host processor moni-
tors this power and takes proper action when necessary. Pin
15 is the output of OPA4 and represents the output optical
power of the laser diode. The AMC7820 can put the laser
diode in “constant power mode” as well. When the inverting
input of the integrator OPA1 is connected to pin 15, instead of
the output of INA143 that was shown in Figure 7, the laser
control loop forces the output optical power of the laser diode
to a constant level determined by the output of DAC2.
FIGURE 10. TEC Loop Response for a –4
°C Change vs
Time (C1 = 0.47µF).
FIGURE 11. TEC Loop Response for a +4
°C Change vs
Time (C1 = 1.0µF).
FIGURE 12. TEC Loop Response for a +4
°C Change vs
Time (C1 = 0.47µF).
TEC LOOP RESPONSE FOR A –4
°C CHANGE vs TIME
(C
1 = 0.47µF)
Time (2s/div)
DAC Step 2
°C/div
Pin 2 0.1
°C/div
C
2 = 0.1µF
R
1 = 2M
TEC LOOP RESPONSE FOR A +4
°C CHANGE vs TIME
(C
1 = 1.0µF)
Time (2s/div)
DAC Step 2
°C/div
Pin 2 0.1
°C/div
C
2 = 0.1µF
R
1 = 2M
TEC LOOP RESPONSE FOR A +4
°C CHANGE vs TIME
(C
1 = 0.47µF)
Time (2s/div)
DAC Step 2
°C/div
Pin 2 0.1
°C/div
C
2 = 0.1µF
R
1 = 2M
FIGURE 9. TEC Loop Response for a –4
°C Change vs Time
(C1 = 1.0µF).
TEC LOOP RESPONSE FOR A –4
°C CHANGE vs TIME
(C
1 = 1.0µF)
Time (2s/div)
DAC Step 2
°C/div
Pin 2 0.1
°C/div
C
2 = 0.1µF
R
1 = 2M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com