Electronic Components Datasheet Search
  English  ▼

X  

AMC7820 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC7820
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820 Datasheet(HTML) 1 Page - Texas Instruments

  AMC7820 Datasheet HTML 1Page - Texas Instruments AMC7820 Datasheet HTML 2Page - Texas Instruments AMC7820 Datasheet HTML 3Page - Texas Instruments AMC7820 Datasheet HTML 4Page - Texas Instruments AMC7820 Datasheet HTML 5Page - Texas Instruments AMC7820 Datasheet HTML 6Page - Texas Instruments AMC7820 Datasheet HTML 7Page - Texas Instruments AMC7820 Datasheet HTML 8Page - Texas Instruments AMC7820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
AMC7820
SBAS231B – MARCH 2002
www.ti.com
DESCRIPTION
The AMC7820 is a complete analog monitoring and control
circuit that includes an 8-channel, 12-bit Analog-to-Digital
Converter (ADC), three 12-bit Digital-to-Analog Converters
(DACs), nine operational amplifiers, a thermistor current source,
an internal +2.5V reference, and an SPI™ serial interface.
External reference may be applied. Typical power dissipation
is 40mW. For the ADC, the unbuffered analog input range is
0V to +5.0V, and the buffered analog common-mode input
range is 0V to +3.8V. For the DACs, the analog output range
is 0V to +2.5V or 0V to +5.0V.
The AMC7820 is ideal for multichannel applications where
low power and small size are critical. The AMC7820 is
available in a TQFP-48 package and is fully specified and
tested over the –40
°C to +85°C temperature range.
SPI is a trademark of Motorola.
FEATURES
q 100kHz SAMPLING RATE 12-BIT ADC
q 8 ANALOG INPUT CHANNELS
q THREE 12-BIT DACS
q NINE OPERATIONAL AMPLIFIERS
q THERMISTOR CURRENT SOURCE
q INTERNAL 2.5V REFERENCE
q SPI SERIAL INTERFACE
q 3V LOGIC COMPATIBLE
q SINGLE +5V SUPPLY
q LOW POWER: 40mW
q TQFP-48 PACKAGE
Copyright © 2001, Texas Instruments Incorporated
ANALOG MONITORING AND CONTROL
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q CW LASER AND PUMP LASER CURRENT
CONTROL IN DWDM
q TEC COOLER CURRENT CONTROL IN DWDM
q OPTICAL POWER MONITORING
q TUNABLE LASER
AM
C7820
ADC
12-Bit ADC/DAC
Current Source
up to 1mA
5 Precision OPAs
DAC2
SPI
Interface
and
Control
DAC1
DAC0
AMC7820
Reference
(2.5V)
8-Channel MUX
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - AMC7820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
AMC7820 TI1-AMC7820 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
AMC7820Y TI-AMC7820Y Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
AMC7820Y/250 TI1-AMC7820Y/250 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
AMC7820Y/250G4 TI1-AMC7820Y/250G4 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
More results

Similar Description - AMC7820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
Analog Front-End for Power Monitoring, Control, and Protection
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5593R AD-AD5593R Datasheet
986Kb / 34P
Control and monitoring
Rev. B
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
Industrial Monitoring And Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com