Electronic Components Datasheet Search
  English  ▼

X  

AMC7820 Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC7820
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC7820 Datasheet HTML 9Page - Texas Instruments AMC7820 Datasheet HTML 10Page - Texas Instruments AMC7820 Datasheet HTML 11Page - Texas Instruments AMC7820 Datasheet HTML 12Page - Texas Instruments AMC7820 Datasheet HTML 13Page - Texas Instruments AMC7820 Datasheet HTML 14Page - Texas Instruments AMC7820 Datasheet HTML 15Page - Texas Instruments AMC7820 Datasheet HTML 16Page - Texas Instruments AMC7820 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
13
TYPICAL CHARACTERISTICS: Operational Amplifiers (Cont.)
At TA = +25°C, +AVDD, BVDD = +5.0V, VREF = Internal +2.5V, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE AND SETTLING TIME
C
L = 100pF, Gain = +1
Time (2
µs/div)
2.1V
0.1V
Output Settling Detail
Op Amp Output
LARGE-SIGNAL STEP RESPONSE AND SETTLING TIME
C
L = 100pF, Gain = +1
Time (2
µs/div)
2.1V
0.1V
Output Settling Detail
Op Amp Output
SETTLING TIME vs CLOSED-LOOP GAIN
Closed-Loop Gain (V/V)
100
10
1
11k
10
100
0.01%
0.1%
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Load Capacitance (pF)
60
50
40
30
20
10
0
10
10k
100
1k
(G =
±1)
(G =
±10)
OUTPUT VOLTAGE SWING FROM SUPPLY RAILS
vs OUTPUT CURRENT
Output Current Magnitude (mA)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
03
2
16
7
8
5
4
Sinking
Current
Sourcing
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com