Electronic Components Datasheet Search
  English  ▼

X  

AMC7820 Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC7820
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820 Datasheet(HTML) 3 Page - Texas Instruments

  AMC7820 Datasheet HTML 1Page - Texas Instruments AMC7820 Datasheet HTML 2Page - Texas Instruments AMC7820 Datasheet HTML 3Page - Texas Instruments AMC7820 Datasheet HTML 4Page - Texas Instruments AMC7820 Datasheet HTML 5Page - Texas Instruments AMC7820 Datasheet HTML 6Page - Texas Instruments AMC7820 Datasheet HTML 7Page - Texas Instruments AMC7820 Datasheet HTML 8Page - Texas Instruments AMC7820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
3
ELECTRICAL CHARACTERISTICS (Cont.)
At –40
°C to +85°C, AV
DD, DVDD, BVDD = +5V, using external 2.5V reference, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
AMC7820
VOLTAGE REFERENCE (VREF)
Internal Reference Voltage
2.45
2.50
2.55
V
Internal Reference Drift(5)
0
°C to +85°C
±10
ppm/
°C
–40
°C to +85°C
±30
ppm/
°C
2.5V Output Impedance (pin 26)
0.5
Ω
2.5V Output Current (pin 26)
±1mA
Short-Circuit Current (pin 26)
±15
mA
External Reference Voltage Range (pin 27)
2.45
2.50
2.55
V
External Reference Input Resistance
10
k
Ω
External Reference Input Capacitance
5pF
OP AMP CHARACTERISTICS(6)
Input Offset Voltage
±0.5
±4mV
vs Temperature
±2
µV/°C
vs Power Supply
50
µV/V
Input Bias Current(7)
TA = +25°C
±2
±50
pA
TA = –40°C to +85°C
See Typical Characteristics
Input Offset Current(7)
TA = +25°C
±1
±50
pA
Input Voltage Noise
f = 0.1Hz to 10Hz
6
µVp-p
Input Voltage Noise Density
f = 1kHz
26
nV/
√Hz
Current Noise Density
f = 1kHz
0.6
fA/
√Hz
Common-Mode Voltage Range
–0.2
AVDD – 1.2
V
Common-Mode Rejection Ratio(8)
–0.2V < VCM < AVDD – 1.2V
74
90
dB
Open-Loop Gain(8)
RL = 25kΩ, 125mV < VO < AVDD – 125mV
100
120
dB
Gain-Bandwidth Product
G = 1
3
MHz
Slew Rate
G = 1
1.2
V/
µs
Settling Time: 0.1%
2V Step, CL = 100pF, G = 1, RL = 10kΩ
3
µs
Voltage Output Swing from Rail
RL = 25kΩ
40
mV
Closed-Loop Output Impedance
0.4
Ω
Output Current
See Typical Characteristics
±1mA
Short-Circuit Current
±18
mA
DIGITAL INPUT/OUTPUT
Logic Level:
VIH
BVDD = 5V, |IIH| ≤ 10µA
3.5
BVDD + 0.3
V
VIL
BVDD = 5V, |IIL| ≤ 10µA
0
0.8
V
VOH
BVDD = 5V, IOH = –3mA
4.0
BVDD
V
VOL
BVDD = 5V, IOL = 3mA
0
0.4
V
Logic Level:
VIH
BVDD = 3V, |IIH| ≤ 10µA
2.1
BVDD + 0.3
V
VIL
BVDD = 3V, |IIL| ≤ 10µA
0
0.6
V
VOH
BVDD = 3V, IOH = –3mA
2.4
BVDD
V
VOL
BVDD = 3V, IOL = 3mA
0
0.4
V
Input Capacitance
5pF
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
AVDD, DVDD
Specified Performance
4.75
5
5.25
V
BVDD
Specified Performance
2.7
5.25
V
Quiescent Current of AVDD
812
mA
Quiescent Current of DVDD
0.3
0.75
mA
Quiescent Current of BVDD
0.01
0.1
mA
Power Dissipation
40
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
Storage
–65
+150
°C
NOTES: (1) For channels 2-5, fed into MUX directly. (2) LSB means Least Significant Bit. (3) DACs are tested without output load. (4) Measured from code 010
to FFF. (5) Internal reference voltage has been optimized for lowest drift from 0
°C to +85°C. (6) Applies to all amplifiers; see Figure 2. (7) Offset current will double
for each 10
°C of temperature increase. See Operational Amplifier section. (8) Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com