Electronic Components Datasheet Search
  English  ▼

X  

AMC7820 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC7820
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC7820 Datasheet HTML 8Page - Texas Instruments AMC7820 Datasheet HTML 9Page - Texas Instruments AMC7820 Datasheet HTML 10Page - Texas Instruments AMC7820 Datasheet HTML 11Page - Texas Instruments AMC7820 Datasheet HTML 12Page - Texas Instruments AMC7820 Datasheet HTML 13Page - Texas Instruments AMC7820 Datasheet HTML 14Page - Texas Instruments AMC7820 Datasheet HTML 15Page - Texas Instruments AMC7820 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
12
TYPICAL CHARACTERISTICS: Operational Amplifiers (Cont.)
At TA = +25°C, +AVDD, BVDD = +5.0V, VREF = Internal +2.5V, unless otherwise noted.
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
1k
100
10
1
0.1
1k
100
10
1
0.1
1
10
100
1k
10k
100k
1M
Voltage Noise
Current Noise
OP AMP OUTPUT VOLTAGE vs INPUT VOLTAGE
Input Voltage (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
0.01
0.005
0
0
0.005
1.5
2
3
3.5
4
4.5
5
0.01
2.5
Common-
Mode
Input Range
is Exceeded
V
OUTPUT Clamps at +5mV
For 0.01V < V
INPUT < 3.8V
CMRR > 74dB
Input
Output
G= +1
OPEN-LOOP GAIN/PHASE vs FREQUENCY
Frequency (Hz)
160
140
120
100
80
60
40
20
0
–20
1
10
100
10k
1k
100k
10M
1M
G
φ
0
–45
–90
–135
–180
A
OL, CMRR, PSRR vs TEMPERATURE
140
130
120
110
100
90
80
130
120
110
100
90
80
70
PSRR
CMRR
Temperature (
°C)
–50
–25
0
25
50
75
100
A
OL
POWER-SUPPLY REJECTION RATIO AND
COMMON-MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
1
10
100
1k
10k
100k
1M
10M
+PSRR
CMRR
SMALL-SIGNAL STEP RESPONSE
G = 1, C
L = 100pF
Time (1
µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com