Electronic Components Datasheet Search
  English  ▼

X  

ISO121G Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO121G
Description  Precision Low Cost ISOLATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO121G Datasheet(HTML) 3 Page - Texas Instruments

  ISO121G Datasheet HTML 1Page - Texas Instruments ISO121G Datasheet HTML 2Page - Texas Instruments ISO121G Datasheet HTML 3Page - Texas Instruments ISO121G Datasheet HTML 4Page - Texas Instruments ISO121G Datasheet HTML 5Page - Texas Instruments ISO121G Datasheet HTML 6Page - Texas Instruments ISO121G Datasheet HTML 7Page - Texas Instruments ISO121G Datasheet HTML 8Page - Texas Instruments ISO121G Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
ISO120/121
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER
ISO120G
24-Pin DIP
225
ISO120BG
24-Pin DIP
225
ISO120SG
24-Pin DIP
225
ISO121G
40-Pin DIP
206
ISO121BG
40-Pin DIP
206
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS
CONNECTION DIAGRAM
Supply Voltage (any supply) ............................................................... 18V
V
IN, Sense Voltage .......................................................................... ±100V
External Oscillator Input ....................................................................
±25V
Signal Common 1 to Ground 1 ...........................................................
±1V
Signal Common 2 to Ground 2 ...........................................................
±1V
Continuous Isolation Voltage: ISO120 ...................................... 1500Vrms
ISO121 ....................................... 3500Vrms
V
ISO, dv/dt ...................................................................................... 20kV/µs
Junction Temperature ...................................................................... 150
°C
Storage Temperature ..................................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short Duration ......................................... Continuous to Common
PACKAGE INFORMATION(1)
1/1
2/2
3/3
4/4
9/17
10/18
11/19
12/20
(1)
C
C
+V
–V
Com 2
V
Sense
Gnd 2
1H
1L
S1
S1
OUT
24/40
23/39
22/38
21/37
16/24
15/23
14/22
13/21
Gnd 1
V
Ext Osc
Com 1
–V
+V
C
C
IN
S2
S2
2L
2H
NOTE: (1) First pin number is for ISO120.
Second pin number is for ISO121.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ELECTROSTATIC
DISCHARGE SENSITIVITY
ORDERING INFORMATION
TEMPERATURE
MODEL
RANGE
ISO120G
–25
°C to 85°C
ISO120BG
–25
°C to 85°C
ISO120SG
–55C to 125
°C
ISO121G
–25
°C to 85°C
ISO121BG
–25
°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com