Electronic Components Datasheet Search
  English  ▼

X  

ISO121G Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO121G
Description  Precision Low Cost ISOLATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO121G Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO121G Datasheet HTML 7Page - Texas Instruments ISO121G Datasheet HTML 8Page - Texas Instruments ISO121G Datasheet HTML 9Page - Texas Instruments ISO121G Datasheet HTML 10Page - Texas Instruments ISO121G Datasheet HTML 11Page - Texas Instruments ISO121G Datasheet HTML 12Page - Texas Instruments ISO121G Datasheet HTML 13Page - Texas Instruments ISO121G Datasheet HTML 14Page - Texas Instruments ISO121G Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
ISO120/121
APPLICATIONS
The ISO120 and ISO121 isolation amplifiers are used in
three categories of applications:
1. Accurate isolation of signals from high voltage ground
potentials,
APPLICATION CIRCUITS
FIGURE 7. Eight-channel Isolated 0-20mA Loop Driver.
23
4
3
22
21
24
9
12
11
10
PWS740-3
PWS740-1
T
O
T
O
6
4
0.3µF
4
5
6
3
2
1
6
3
1
4
0.3µF
0.3µF
PWS740-2
0.3µF
10µF
+15V
+'E
20µH
1.0µF
–V
S1
To other
channels
20k
Ω
20pF
1.0µF
–15V
1.0µF
R
L ≤ 600Ω
I
L = 0-20mA
VN2222
1/4W
250
Ω
0.1%
6.2V
400mW
–15V
+15V
20k
Ω
ISO120
1.0µF
0-5V
System Uses:
1 - Oscillator/Driver
8 - Transformers
8 - Bridges
8 - ISO120s
8 - Transistors VN2222
8 - Zener Diodes, 6.2V, 400mW, 20%
Not all components shown.
8 +V
IN
35
+15V
15
16
2. Accurate isolation of signals from severe ground noise
and,
3. Fault protection from high voltages in analog measure-
ments.
Figures 7 through 12 show a variety of Application Circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com