Electronic Components Datasheet Search
  English  ▼

X  

ISO121G Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO121G
Description  Precision Low Cost ISOLATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO121G Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO121G Datasheet HTML 9Page - Texas Instruments ISO121G Datasheet HTML 10Page - Texas Instruments ISO121G Datasheet HTML 11Page - Texas Instruments ISO121G Datasheet HTML 12Page - Texas Instruments ISO121G Datasheet HTML 13Page - Texas Instruments ISO121G Datasheet HTML 14Page - Texas Instruments ISO121G Datasheet HTML 15Page - Texas Instruments ISO121G Datasheet HTML 16Page - Texas Instruments ISO121G Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
ISO120/121
FIGURE 10. Battery Monitor for a 600V Battery Power System.
FIGURE 11. Isolated 4-20mA Instrument Loop. (RTD shown).
21
22
23
3
15
11
4
e
50 =12V
9, 12
10
16
–V
24
5k
Ω
+V
21
22
23
3
15
11
4
10k
Ω
9, 12
10
16
–V
24
5k
Ω
+V
10k
Ω
e
49 =12V
e
2 =12V
e
1 =12V
10k
Ω
10k
Ω
Charge/Discharge Control
INA105
25k
Ω
25k
Ω
25k
Ω
25k
Ω
2
3
1
e
50
V =
2
+V –V
74
5
6
e
1
V =
2
Control
Section
ISO
120
ISO
120
R
2
2.5k
Ω
INA105
ISO
120
XTR101
R
S
150
Ω
R
1
100
Ω
3
5
6
4
7
8
10
11
0.01µF
RTD
(PT100)
1mA
1mA
2mA
R
L
250
Ω
250
Ω
6
5
7
3
2
4
1
23
21
22
24
4
9
11
10
3
Sync
Gnd
–V
S = –15V
on PWS740
V
OUT
+V
S = 15V on PWS740
NOTE: Some ISO120 connections left out for clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com