Electronic Components Datasheet Search
  English  ▼

X  

ISO121G Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO121G
Description  Precision Low Cost ISOLATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO121G Datasheet(HTML) 4 Page - Texas Instruments

  ISO121G Datasheet HTML 1Page - Texas Instruments ISO121G Datasheet HTML 2Page - Texas Instruments ISO121G Datasheet HTML 3Page - Texas Instruments ISO121G Datasheet HTML 4Page - Texas Instruments ISO121G Datasheet HTML 5Page - Texas Instruments ISO121G Datasheet HTML 6Page - Texas Instruments ISO121G Datasheet HTML 7Page - Texas Instruments ISO121G Datasheet HTML 8Page - Texas Instruments ISO121G Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
ISO120/121
TYPICAL PERFORMANCE CURVES
T
A = +25°C; VS1 = VS2 = ±15V; and RL = 2kΩ, unless otherwise noted.
1
Frequency (Hz)
0
60
40
20
PSRR vs FREQUENCY
100
10k
1M
10
1k
100k
–V
S1, –VS2
+V
S1, +VS2
54
100
Frequency (Hz)
10
1k
100
ISOLATION MODE VOLTAGE
vs FREQUENCY ISO121
10k
1M
100M
1k
100k
10M
5k
Max AC
Rating
Degraded
Performance
Max DC Rating
Typical
Performance
100
Frequency (Hz)
10
1k
100
ISOLATION MODE VOLTAGE
vs FREQUENCY ISO120
10k
1M
100M
1k
100k
10M
2.1k
Max AC
Rating
Degraded
Performance
Max DC Rating
Typical
Performance
1
Frequency (Hz)
0.1µA
100mA
10mA
1mA
100µA
10µA
1µA
ISOLATION LEAKAGE CURRENT
vs FREQUENCY
100
10k
1M
10
1k
100k
240 Vrms
1500 Vrms
3500 Vrms
100
–3dB Frequency (Hz)
0
100nF
10nF
1000pF
BANDWIDTH vs C
2
1k
10k
100k
100
Frequency (Hz)
0.1
100
10
1
PHASE SHIFT vs C
2
1k
10k
100k
C
2 = 0
C
2 = 1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com