Electronic Components Datasheet Search
  English  ▼

X  

ISO121G Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO121G
Description  Precision Low Cost ISOLATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO121G Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO121G Datasheet HTML 3Page - Texas Instruments ISO121G Datasheet HTML 4Page - Texas Instruments ISO121G Datasheet HTML 5Page - Texas Instruments ISO121G Datasheet HTML 6Page - Texas Instruments ISO121G Datasheet HTML 7Page - Texas Instruments ISO121G Datasheet HTML 8Page - Texas Instruments ISO121G Datasheet HTML 9Page - Texas Instruments ISO121G Datasheet HTML 10Page - Texas Instruments ISO121G Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
ISO120/121
f
−3dB ≈
1. 2
200 k
Ω 150 pF + C
2
()
FIGURE 1. Block Diagram.
C
1, C2 ISO120/121
EXTERNAL CLOCK
MODULATOR, DEMODULATOR
FREQUENCY RANGE
EXTERNAL CAPACITOR
400kHz to 700kHz
none
200kHz to 400kHz
500pF
100kHz to 200kHz
1000pF
50kHz to 100kHz
2200pF
20kHz to 50kHz
4700pF
10kHz to 20kHz
0.01
µF
5kHz to 10kHz
0.022
µF
The value of the external modulator capacitor, C
1, depends on
the frequency of the external clock signal. Table I lists
recommended values.
Synchronizing to a 400kHz to 700kHz
Square-Wave External Clock
At frequencies above 400kHz, an internal clamp and filter
provides signal conditioning so that a square-wave signal can
be used to directly drive the ISO120/121. A square-wave
external clock signal can be used to directly drive the ISO120/
121 ext osc pin if: the signal is in the 400kHz to 700kHz
frequency range with a 25% to 75% duty cycle, and
±3V to
±20V level. Details of the internal clamp and filter circuitry
are shown in Figure 1.
Synchronizing to a 10% to 90%
Duty-cycle External Clock
With the addition of the signal conditioning circuit shown in
Figure 2, any 10% to 90% duty-cycle square-wave signal can
be used to drive the ISO120/121 ext osc pin. With the values
shown, the circuit can be driven by a 4Vp-p TTL signal. For
a higher or lower voltage input, increase or decrease the 1k
Ω
resistor, R
X, proportionally. e.g. for a ±4V square wave
(8Vp-p) R
X should be increased to 2kΩ.
The value of C
X used in the Figure 2 circuit depends on the
frequency of the external clock signal. Table II shows recom-
mended capacitor values.
Note: For external clock frequencies below 400kHz, external
modulator/demodulator capacitors are required on the
ISO120/121 as before.
TABLE I. Recommended ISO120/121 External Modulator/
Demodulator Capacitor Values vs External Clock
Frequency.
The value of the external demodulator capacitor, C
2, depends
on the value of the external modulator capacitor. To assure
stability, C
2 must be greater than 0.8 • C1. A larger value for
C
2 will decrease bandwidth and improve stability:
Where:
f
–3dB ≈ –3dB bandwidth of ISO amp with external C2 (Hz)
C
2 = External demodulator capacitor (f)
For example, with C
2 = 0.01µF, the f–3dB bandwidth of the
ISO120/121 is approximately 600Hz.
1pF
1pF
1pF
1pF
S/H
G = 1
S/H
G = 6
Sense
V
OUT
Signal
Com 2
Gnd 2 –V
S2
+V
S2
Gnd 1 –V
S1
+V
S1
Signal
Com 1
V
IN
C
1H
C
1L
C
1
(1)
200k
Ω
150pF
A1
100µA
Sense
200µA
X
100µA
Sense
200µA
200k
Ω
150pF
C
2L
C
2H
C
2
(1)
X
A2
Isolation Barrier
NOTE: (1) Optional. See text.
30k
Ω
16k
Ω
Ext
Osc
16k
Ω
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com