Electronic Components Datasheet Search
  English  ▼

X  

ISO121G Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO121G
Description  Precision Low Cost ISOLATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO121G Datasheet(HTML) 5 Page - Texas Instruments

  ISO121G Datasheet HTML 1Page - Texas Instruments ISO121G Datasheet HTML 2Page - Texas Instruments ISO121G Datasheet HTML 3Page - Texas Instruments ISO121G Datasheet HTML 4Page - Texas Instruments ISO121G Datasheet HTML 5Page - Texas Instruments ISO121G Datasheet HTML 6Page - Texas Instruments ISO121G Datasheet HTML 7Page - Texas Instruments ISO121G Datasheet HTML 8Page - Texas Instruments ISO121G Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ISO120/121
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C; VS1 = VS2 = ±15V; and RL = 2kΩ, unless otherwise noted.
1
Frequency (Hz)
40
160
140
120
100
80
60
100
10k
1M
10
1k
100k
IMR vs FREQUENCY
1k
Frequency (Hz)
0
10nF
1000pF
SYNCHRONIZATION RANGE at 25°C
±4Vp SINE WAVE INPUT TO EXT OSC
10k
100k
1M
C
2 ≥ C1
Typical
Free Run
Frequency
0
f
IN (Hz)
0
–20
–40
SIGNAL RESPONSE vs CARRIER FREQUENCY
f
C
2f
C
3f
C
00
0
0
f
c/2
f
C/2
f
C /2
f
OUT (Hz)
–20dB/dec (for comparison only)
0.1f
–3dB
Normalized Frequency
0
12
10
8
6
4
2
NOISE vs SMALL SIGNAL BANDWIDTH
0.2f
–3dB
0.5f
–3dB
f
–3dB
C
2 = 2C1
C
2 = C1*
*C
1 ≤ 5000pF
FPO
BLEED
TO EDGE
OF BOX
SINE RESPONSE
(f = 2kHz, C
2 = 0)
Time (µs)
500
0
1000
+10
0
–10
SINE RESPONSE
(f = 20kHz, C
2 = 0)
Time (µs)
50
0
100
+10
0
–10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com