Electronic Components Datasheet Search
  English  ▼

X  

LM3401 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 11Page - Texas Instruments LM3401 Datasheet HTML 12Page - Texas Instruments LM3401 Datasheet HTML 13Page - Texas Instruments LM3401 Datasheet HTML 14Page - Texas Instruments LM3401 Datasheet HTML 15Page - Texas Instruments LM3401 Datasheet HTML 16Page - Texas Instruments LM3401 Datasheet HTML 17Page - Texas Instruments LM3401 Datasheet HTML 18Page - Texas Instruments LM3401 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ILED_var_100% (A) =
SNSHYS
RSNS
ILED_reg (A) =
(VIN_max ± VIN_60%) x delay
2 x L
335
345
355
365
375
385
395
5
10
15
20
25
30
35
68 PH
33 PH
100 PH
INPUT VOLTAGE (V)
50 %
Duty
100 %
Duty
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
Figure 22. LED DC current line regulation LED Vf = 7.0V
For most applications, the average LED current will be the highest at the maximum input voltage and lowest at a
duty cycle somewhat greater than 50%. The maximum LED current variation can be estimated as:
(21)
Where VIN_60% is the input voltage corresponding to a duty cycle of 60%. Since the actual input voltage where
minimum LED current occurs varies with the application, this is an approximation. As the duty cycle approaches
100%, the average LED current will approach ILED_PK. The average LED current will be the highest at the point
that 100% duty cycle is reached. In the case that 100% duty cycle can occur, maximum LED current variation is
calculated as:
(22)
PCB LAYOUT
PCB layout is very important in all switching regulator designs. Poor layout can cause EMI problems, excess
switching noise, and improper device operation. The following key points should be followed to ensure a quality
layout.
Traces carrying large AC currents should be as wide and short as possible to minimize trace inductance. These
areas, shown as darker regions in Figure 23, are:
•
VIN between the input capacitor and PFET
•
GND between the input capacitor and catch diode
•
The switch node
As shown in Figure 23, place the input capacitor ground as close as possible to the anode of the catch diode.
The VIN side of the input capacitor should be placed close to the top of the PFET.
The CS node (the node connecting the catch diode cathode, inductor, and PFET source) should be kept as small
as possible. This node is one of the main sources for radiated EMI. The SNS and HYS pins are sensitive to
noise. Be sure to route the SNS trace away from the inductor and the switch node, which are sources of noise.
The SNS and HYS resistors should be placed close to their respective pins and grounded close to the GND pin.
An isolated ground area shown as SGND in Figure 23 is recommended for the SNS, HYS, and GND pin
connections. The two ground areas, GND and SGND, should be connected on an inner or bottom layer. This
connection is shown as two vias in Figure 23.
A large, continuous ground plane can also be used, as long as the input capacitor and catch diode ground area
is somewhat isolated.
The HG trace should be kept as short as possible to minimize inductance and gate ringing (See HG and PFET
selection section).
Finally, for accurate current limit sensing, the CS pin and ILIM resistor connections should be made at the PFET
pads, via separate traces.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com