Electronic Components Datasheet Search
  English  ▼

X  

LM3401 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 10Page - Texas Instruments LM3401 Datasheet HTML 11Page - Texas Instruments LM3401 Datasheet HTML 12Page - Texas Instruments LM3401 Datasheet HTML 13Page - Texas Instruments LM3401 Datasheet HTML 14Page - Texas Instruments LM3401 Datasheet HTML 15Page - Texas Instruments LM3401 Datasheet HTML 16Page - Texas Instruments LM3401 Datasheet HTML 17Page - Texas Instruments LM3401 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ILED_Acc% = RSNS%
2 + V
SNS%
2
Irms = ILED x
VANODE
VIN
x 1 -
VANODE
VIN
to
SNS
L1
R1
DIM signal
LM3401
SNVS516C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Figure 21. Parallel FET Dimming
When the FET switches on, inductor current flows through the FET and the regulated average inductor current is
unchanged. Using this method, inductor current rise time does not limit the dimming frequency. A ripple reduction
capacitor should not be used with the parallel FET dimming method since it significantly slows the LED current
rise time. However, a small noise filter capacitor can be used.
INPUT CAPACITOR SELECTION
An input bypass capacitor is required between VIN and ground. The input capacitor prevents large voltage
transients at the input and provides the instantaneous current when the PFET turns on. The important
parameters for the input capacitor are the voltage rating and the RMS current rating. Follow the manufacturer’s
recommended voltage de-rating. RMS current can be calculated with the equation below. The highest RMS
current will occur around 50% duty cycle.
(18)
A ceramic input capacitor must be placed close to the drain of the PFET. This minimizes the trace inductance
between VIN and the PFET, which is a source of switching noise. If the input capacitor is not properly located,
switching noise can cause current limit and stability problems.
CATCH DIODE SELECTION
The catch diode provides the current path to the LED string during the PFET off-time and must be rated higher
than the average current through the diode, which can be calculated as shown:
IDIODE = ILED x (1-D)
(19)
The peak reverse voltage across the catch diode is approximately equal to the input voltage. Therefore, the
diode’s peak reverse voltage rating should be larger than the maximum input voltage, plus some safety margin.
A Schottky diode is recommended because its low forward voltage maximizes efficiency. For high temperature
applications, diode leakage current may become significant and require a higher reverse voltage rating or a low
leakage diode to achieve acceptable performance.
LED CURRENT ACCURACY
The total accuracy of average LED current is affected by several factors, both internal and external to the
LM3401. Total static accuracy is the part-to-part variation and can be calculated from the equation below:
(20)
Where the worst case VSNS% is ±6%, and RSNS% is the sense resistor accuracy. Because these factors are not
correlated, the RSS (root-sum-square) method of calculation is used.
The LED current will also show some variation with input voltage. This is primarily due to propagation delay and
the dynamic resistance of the LED. In longer on-time operation, the error due to dynamic resistance tends to
dominate, while at shorter on-time, the propagation delay will dominate. These two effects counteract each other,
resulting in typical regulation curves similar to those shown in Figure 22. A larger inductor will reduce the error
due to propagation delay and will result in better overall line regulation.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com