Electronic Components Datasheet Search
  English  ▼

X  

LM3401 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 14Page - Texas Instruments LM3401 Datasheet HTML 15Page - Texas Instruments LM3401 Datasheet HTML 16Page - Texas Instruments LM3401 Datasheet HTML 17Page - Texas Instruments LM3401 Datasheet HTML 18Page - Texas Instruments LM3401 Datasheet HTML 19Page - Texas Instruments LM3401 Datasheet HTML 20Page - Texas Instruments LM3401 Datasheet HTML 21Page - Texas Instruments LM3401 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ILED_reg =
(35V ± 23V) x 60 ns
2 x 33 PH
= 11 mA
ILED_Acc% =
0.01
2
+ 0.06
2 = 6.1%
Irms = 690 mA x
13.8V
27.6V
x 1 -
13.8V
27.6V
= 345 mA
R3 =
0.95A x 195 m:
4 PA
= 46.3 k:
LM3401
SNVS516C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
The next step is to select a PFET. The critical PFET parameters must meet the minimum circuit requirements of
35V input, 804 mA DC current, and adequate gate drive voltage rating.
Therefore, select a PFET with the following ratings:
•
40V maximum VDS
•
–20V maximum VGS
•
1.8A continuous Id
•
130mohm maximum RDS(on)
Typically the PFET may be only sourcing 690 mA for about 50% duty cycle. However, at minimum input voltage
the duty cycle will increase close to 100%. Therefore, the PFET Id rating should be based on its continuous, not
pulsed, current capability.
Now the power dissipation should be verified. Assume the selected PFET has a gate capacitance of 200 pF,
which is within recommendation, and a gate charge of 15 nC. Maximum frequency and input voltage are used for
a worst case calculation:
IG = 15 nC x 1.25 MHz = 18.75 mA PD = (1.05 mA x 35V) + (18.75 mA x 4.7V) = 0.125W Ta_max = 125°C - (151°C/W x
0.125W) = 106°C
(34)
With the selected components, the maximum ambient temperature is above 100°C, sufficient for most
applications. Note that this limit applies to the IC only and depends on the pcb type and size. Lower ambient
temperature limits may apply to the PFET and other components.
Now the current limit threshold is set with R3 at 0.95A, which is 120% of the maximum peak current. The worst
case RDS(on) value at 125°C is used, which is 150% of nominal, and the worst case ILIM pin sink current.
(35)
The typical current limit threshold will be higher than 1A and can be determined by using typical values for RDS(on)
and ILIM sink current. The PFET, inductor, and catch diode must be able to handle this current for short periods of
time.
The next component is the input capacitor, C1. A low ESR ceramic capacitor must be used and properly located
on the PCB. For this design, the capacitor working voltage must be rated to at least 40V, and 50V is
recommended. A 2.2 µF input capacitor should be sufficient, assuming a good PCB layout. The worst case input
RMS current is calculated below 50% at duty cycle:
(36)
It must be verified that the selected input capacitor can tolerate this current. An additional bulk capacitor placed
at the input voltage connection is also recommended.
Next, select D1, the catch diode. A Schottky diode should be used. The reverse voltage rating must be greater
than 35V and the average forward current rating must be greater than:
IDIODE = 690 mA x (1 - 0.31) = 480 mA
(37)
This calculation assumes the minimum duty cycle, which is maximum input voltage and minimum anode voltage.
The diode must also be able to handle peak currents as high as the current limit threshold for short periods. We
select a 1A diode to ensure adequate capability over temperature.
If desired, a ripple reduction capacitor can be added at C2 to reduce the LED ripple current. A minimum starting
value of 100 nF is recommended for C2, and a value of 1 µF will work well in most applications. In case of an
open LED failure, the ripple reduction capacitor must be rated to the maximum input voltage of 35V. If C2 is
used, LED ripple current is reduced and the calculated maximum R2 value no longer applies as a limit.
Finally, check the accuracy. The static accuracy is calculated below using a 1% sense resistor.
(38)
To estimate line regulation, maximum input voltage and 60% duty cycle input voltage is used. For this example
60% duty cycle occurs at (13.6V + 0.2V)/0.60 or 23V input.
(39)
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com