Electronic Components Datasheet Search
  English  ▼

X  

LM4921 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM4921 Datasheet HTML 11Page - Texas Instruments LM4921 Datasheet HTML 12Page - Texas Instruments LM4921 Datasheet HTML 13Page - Texas Instruments LM4921 Datasheet HTML 14Page - Texas Instruments LM4921 Datasheet HTML 15Page - Texas Instruments LM4921 Datasheet HTML 16Page - Texas Instruments LM4921 Datasheet HTML 17Page - Texas Instruments LM4921 Datasheet HTML 18Page - Texas Instruments LM4921 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
LM4921
www.ti.com
SNAS178E – JULY 2003 – REVISED MAY 2013
I2S INTERFACE BUS (J2 - See Figure 21 )
The I2S standard provides a uni-directional serial interface designed specifically for digital audio. For the
LM4921, the interface provides access to a 48kHz, 16 bit full-range stereo audio DAC. This interface uses a
three wire system of clock (I2S_CLK), data (I2S_DATA), and word select (I2S_WS, sometimes called Right/Left
Select).
A bit clock (I2S_CLK) at 32 or 64 times the sample frequency is established by the I2S system master and the
word select (I2S_WS) line is driven at a frequency equal to the sampling rate of the audio data, in this case
48kHz. The word line is registered to change on the positive edge of the bit clock. The serial data (I2S_DATA) is
sent MSB first, again registers on the positive edge of the bit clock, delayed by 1 bit clock cycle relative to the
changing of the word line (typical I2S format).
MCLK/XTAL_IN (S1 MCLK SEL - See Figure 21)
This is the input for an external Master Clock. The jumper at S1 must be removed (disconnecting the onboard
crystal from the circuit) when using an external Master Clock.
STEREO HEADPHONE OUTPUT JACK (J3 - See Figure 21)
This is the stereo headphone output. Each channel is single-ended, with 100uF DC output blocking capacitors
mounted on the demo board (C6 and C7). These capacitors are necessary to block the 1/2 VDD DC bias and
prevent it from flowing through the headphone speakers (DC current will destroy most audio speakers) while
allowing the audio ac signal to pass through. The jack features a typical stereo headphone pinout.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com