Electronic Components Datasheet Search
  English  ▼

X  

LM4921 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4921 Datasheet HTML 10Page - Texas Instruments LM4921 Datasheet HTML 11Page - Texas Instruments LM4921 Datasheet HTML 12Page - Texas Instruments LM4921 Datasheet HTML 13Page - Texas Instruments LM4921 Datasheet HTML 14Page - Texas Instruments LM4921 Datasheet HTML 15Page - Texas Instruments LM4921 Datasheet HTML 16Page - Texas Instruments LM4921 Datasheet HTML 17Page - Texas Instruments LM4921 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
LM4921
SNAS178E – JULY 2003 – REVISED MAY 2013
www.ti.com
BYPASS CHARGE RATE BIT 12
This control pin allows the user to change the Bypass Capacitor's charge rate by a factor of two. Setting this bit
at zero will set the circuit to it's normal 1x rate. Setting the bit to High will double the charge rate and allow the
part to turn on faster with a slight degradation in turn on click/pop noise.
BITS 5, 13, 14, and 15
Bits 13, 14, and 15 are all reserve bits and must be set to low/zero/ground.
Bit 5 must be set High.
SPI CONTROL INTERFACE BUS (J1)
SPI DATA: This is the serial data pin.
SPI CLK: This is the clock input pin.
SPI ENABLE: This is the SPI enable pin.
SPI TIMING DIAGRAM
SPI OPERATIONAL REQUIREMENTS
1. The maximum clock rate is 5MHz for the CLK pin.
2. CLK must remain logic-high for at least 100ns (tCH ) after the rising edge of CLK, and CLK must remain logic-
low for at least 100ns (tCL ) after the falling edge of CLK.
3. Data bits are written to the DATA pin with the least significant bit (LSB) first.
4. The serial data bits are sampled at the rising edge of CLK. Any transition on DATA must occur at least 20ns
(tDS) before the rising edge of CLK. Also, any transition on DATA must occur at least 20ns (tDH) after the rising
edge of CLK and stabilize before the next rising edge of CLK.
5. ENABLE should be logic-high only during serial data transmission.
6. ENABLE must be logic-high at least 20ns (tES ) before the first rising edge of CLK, and ENABLE has to remain
logic-high at least 20ns (tEH ) after the sixteenth rising edge of CLK.
7. If ENABLE remains logic-low for more than 10ns before all 16 bits are transmitted then the data latch will be
aborted.
8. If ENABLE is logic-high for more than 16 CLK pulses then only the first 16 data bits will be latched and
activated at rising edge of sixteenth CLK.
9. ENABLE must remain logic-low for at least 30ns (tEL ).
10. Coincidental rising or falling edges of CLK and ENABLE are not allowed. If CLK is to be held logic-high after
the data transmission, the falling edge of CLK must occur at least 20ns (tCS ) before ENABLE transitions to logic-
high for the next set of data.
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com