Electronic Components Datasheet Search
  English  ▼

X  

LM4921 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4921 Datasheet HTML 7Page - Texas Instruments LM4921 Datasheet HTML 8Page - Texas Instruments LM4921 Datasheet HTML 9Page - Texas Instruments LM4921 Datasheet HTML 10Page - Texas Instruments LM4921 Datasheet HTML 11Page - Texas Instruments LM4921 Datasheet HTML 12Page - Texas Instruments LM4921 Datasheet HTML 13Page - Texas Instruments LM4921 Datasheet HTML 14Page - Texas Instruments LM4921 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
20
100
1k
10k 20k
-130
-100
-80
-40
0
FREQUENCY (Hz)
-20
-60
20
100
1k
10k 20k
-130
-100
-70
-40
0
FREQUENCY (Hz)
20
100
1k
10k 20k
-130
-100
-80
-40
0
FREQUENCY (Hz)
-60
-20
20
100
1k
10k 20k
-130
-100
-70
-40
0
FREQUENCY (Hz)
20
100
1k
10k 20k
-100
-80
-40
-20
0
FREQUENCY (HZ)
-60
20
100
1k
10k 20k
-100
-80
-40
-20
0
FREQUENCY (Hz)
-60
LM4921
www.ti.com
SNAS178E – JULY 2003 – REVISED MAY 2013
Typical Performance Characteristics (continued)
PSRR vs Frequency
PSRR vs Frequency
Analog VDD = 5V, Digital VDD = 3V
Analog VDD = 3V, Digital VDD = 3V
RL = 32Ω, Vol = 3dB
RL = 32Ω, Vol = 0dB
44.1kHz Sample Rate
44.1kHz Sample Rate
Figure 15.
Figure 16.
FFT @ 1kHz -60dB
FFT @ 1kHz 0dB
Analog VDD = 5V, Digital VDD = 3V
Analog VDD = 5V, Digital VDD = 3V
RL = 32Ω, Vol = 3dB
RL = 32
Ω, Vol = 3dB
44.1kHz Sample Rate
44.1 kHz Sample Rate
Figure 17.
Figure 18.
FFT @ 1kHz -60dB
FFT @ 1kHz 0dB
Analog VDD = 3V, Digital VDD = 3V
Analog VDD = 3V, Digital VDD = 3V
RL = 32Ω, Vol = 0dB
RL = 32Ω, Vol = 0dB
44.1kHz Sample Rate
44.1kHz Sample Rate
Figure 19.
Figure 20.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com