Electronic Components Datasheet Search
  English  ▼

X  

LM4921 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 1 Page - Texas Instruments

  LM4921 Datasheet HTML 1Page - Texas Instruments LM4921 Datasheet HTML 2Page - Texas Instruments LM4921 Datasheet HTML 3Page - Texas Instruments LM4921 Datasheet HTML 4Page - Texas Instruments LM4921 Datasheet HTML 5Page - Texas Instruments LM4921 Datasheet HTML 6Page - Texas Instruments LM4921 Datasheet HTML 7Page - Texas Instruments LM4921 Datasheet HTML 8Page - Texas Instruments LM4921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM4921
www.ti.com
SNAS178E – JULY 2003 – REVISED MAY 2013
LM4921
Low Voltage I2S 16-Bit Stereo DAC with Stereo
Headphone Power Amplifiers and Volume Control
Check for Samples: LM4921
1
FEATURES
APPLICATIONS
2
•
16-Bit Resolution Stereo DAC
•
Mobile Phones
•
I2S Digital Audio Data Serial Interface
•
PDAs
•
SPI Serial Interface (Control Register)
•
Portable Electronic Devices
•
Volume Control (32 steps; 1.5 dB Increments)
DESCRIPTION
•
Up to 50mW/Channel Stereo Headphone
The LM4921 combines a 16-bit resolution stereo I2S
Amplifier
input digital-to-analog converter (DAC) with a stereo
•
Zero Crossing Detection for Silent Attenuation
headphone audio power amplifier. It is primarily
Steps
designed
for
demanding
applications
in
mobile
phones and other portable communication device
•
2.6VDC to 5.0VDC Digital Supply Voltage Range
applications. The LM4921 features an I2S serial
•
2.6VDC to 5.5VDC Analog Supply Voltage Range
interface for the digital audio information and a 16-bit
(See (1))
SPI serial interface for internal register control and
•
Unity-Gain Stable Headphone Amplifiers
communication. With AVDD and DVDD = 3.0VDC and
driving a 32
Ω single-ended load to a 26mWRMS
•
Available in the 20-bump DSBGA Package
output level the distortion (THD+N) of the LM4921 will
be less than 0.5%. The LM4921 also features a
KEY SPECIFICATIONS
programmable
32-step
digital
volume
control
•
PSRR at 217Hz, A/DVDD = 3V, (See Figure 1):
accessed through an SPI interface.
52dB (typ)
Boomer
audio
power
amplifiers
were
designed
•
POUT at AVDD = 3.0V, 32Ω
specifically to provide high quality output power with a
–
< 0.05% THD: 13mW (typ)
minimal amount of external components. It is,
therefore, ideally suited for mobile phone and other
–
< 0.05% THD: 26mW (typ)
low
voltage
applications
where
minimal
power
•
Supply Voltage Range
consumption is a primary requirement.
–
DVDD: 2,6V to 5.0V
The LM4921 features a low-power consumption
–
AVDD: (See
(1)) 2.6V to 5.5V
shutdown mode, and also has an internal thermal
•
Shutdown Current: 1µA (typ)
shutdown protection mechanism.
(1)
Best operation is achieved by maintaining 3.0V
≤ AVDD ≤ 5.0V
and 3.0V
≤ DVDD ≤ 5.0V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
Texas Instruments
LM4921ITL/NOPB TI1-LM4921ITL/NOPB Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
LM4921ITLX TI1-LM4921ITLX Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
LM4921ITLX/NOPB TI1-LM4921ITLX/NOPB Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
More results

Similar Description - LM4921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6821 MOSA-MS6821_1 Datasheet
704Kb / 29P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Texas Instruments
LM4921ITLX TI1-LM4921ITLX Datasheet
1Mb / 26P
LM4921 Low Voltage I2S 16-Bit Stereo DAC
logo
Realtek Semiconductor C...
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
I2S/PCM STEREO DAC WITH HEADPHONE
logo
ESS Technology,Inc
ES9219 ESS-ES9219 Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
ES9218P ESS-ES9218P Datasheet
2Mb / 101P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com