Electronic Components Datasheet Search
  English  ▼

X  

LM4921 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 5 Page - Texas Instruments

  LM4921 Datasheet HTML 1Page - Texas Instruments LM4921 Datasheet HTML 2Page - Texas Instruments LM4921 Datasheet HTML 3Page - Texas Instruments LM4921 Datasheet HTML 4Page - Texas Instruments LM4921 Datasheet HTML 5Page - Texas Instruments LM4921 Datasheet HTML 6Page - Texas Instruments LM4921 Datasheet HTML 7Page - Texas Instruments LM4921 Datasheet HTML 8Page - Texas Instruments LM4921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM4921
www.ti.com
SNAS178E – JULY 2003 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to VDD + 0.3V
Power Dissipation(3)
Internally Limited
Human body model(4)
2000V
ESD Susceptibility
Machine model(5)
200V
Junction Temperature
150°C
Thermal Resistance
θJA
60°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF – 240pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
DVDD
2.6V
≤ DVDD ≤ 5.0V
Supply Voltage
AVDD
2.6V
≤ AVDD ≤ 5.5V
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com