Electronic Components Datasheet Search
  English  ▼

X  

LM4921 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM4921 Datasheet HTML 12Page - Texas Instruments LM4921 Datasheet HTML 13Page - Texas Instruments LM4921 Datasheet HTML 14Page - Texas Instruments LM4921 Datasheet HTML 15Page - Texas Instruments LM4921 Datasheet HTML 16Page - Texas Instruments LM4921 Datasheet HTML 17Page - Texas Instruments LM4921 Datasheet HTML 18Page - Texas Instruments LM4921 Datasheet HTML 19Page - Texas Instruments LM4921 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
2
3
4
5
6
7
8
9
10
J2
1
2
3
4
5
6
J1
NC KEY
VDDD
1
2
P
1
MCLK
IN
SPI
Interface
I2S
Interface
CA
P
C2
CA
P
C1
R1
1M
S
1
MCL
K
SE
L
CRYSTA
L
Y
1
MCLK/XTAL
IN
XTAL
OUT
SPI_DAT
A
SPI_ENABL
E
SPI_CL
K
I2S_DAT
A
I2S_CL
KI2S_WS
(LRCLK)
U1
LM4921ITL
BYPAS
S
E
2
D2
E
4
D3
E
3
C2
B
1
B
2
C4
C8
2.2 PF
C3
1 PF
C4
1 PF
C5
1 PF
Red Banana
Plug
Analog VDD
VDDA
VDDD
Red Banana
Plug
Digital VDD
Black Banana
Plug
Black Banana
Plug
Analo
g
Ground
Digita
l
Ground
N
C
C3
N
C
N
C
D4
N
C
N
C
A
2
N
C
1
J3
HEADPHONE
JACK
B
3
A
4
HP
L
HP
R
C7
100 PF
C6
100 PF
Left Out Test
Jack
Red Banana
Plug
Left Out Test Jack
Ground
Black Banana
Plug
Right Out Test Jack
Ground
Black Banana
Plug
Right Out Test
Jack
Red Banana
Plug
LM4921
SNAS178E – JULY 2003 – REVISED MAY 2013
www.ti.com
LM4921ITL DEMO BOARD OPERATION
The LM4921ITL demo board is a complete evaluation platform (Parallel Port SPI Interface Card and control
software available), designed to give easy access to the control pins of the part and comprise all the necessary
external passive components. There are separate analog and digital supply connectors, SPI interface bus (J1)
for the control lines, I2S interface bus (J2) for full-range digital audio, stereo headphone output (J3), and an
external MCLK input (P1) for use in place of the crystal on the demoboard.
(1)
Parallel Port SPI Interface Card and control software available.
Figure 21. LM4921ITL Demo Board Schematic
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com