Electronic Components Datasheet Search
  English  ▼

X  

LM99 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM99
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM99 Datasheet HTML 18Page - Texas Instruments LM99 Datasheet HTML 19Page - Texas Instruments LM99 Datasheet HTML 20Page - Texas Instruments LM99 Datasheet HTML 21Page - Texas Instruments LM99 Datasheet HTML 22Page - Texas Instruments LM99 Datasheet HTML 23Page - Texas Instruments LM99 Datasheet HTML 24Page - Texas Instruments LM99 Datasheet HTML 25Page - Texas Instruments LM99 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
Table 17. Offset Register Settings for Specific Devices
Processor Family
Offset Register Settings
ΔT, °C
Register 11h
Register 12h
NVIDIA GeForceFX Graphics Processor
default
default
default
Intel Pentium 4 Processor
+2.625
0000 0010
1010 0000
Intel Pentium 3 Processor
+2.375
0000 0010
0110 0000
PCB LAYOUT FOR MINIMIZING NOISE
Figure 16. Ideal Diode Trace Layout
In a noisy environment, such as a processor mother board, layout considerations are very critical. Noise induced
on traces running between the remote temperature diode sensor and the LM99 can cause temperature
conversion errors. Keep in mind that the signal level the LM99 is trying to measure is in microvolts. The following
guidelines should be followed:
1. Place a 0.1 µF power supply bypass capacitor as close as possible to the VDD pin and the recommended 2.2
nF capacitor as close as possible to the LM99's D+ and D
− pins. Make sure the traces to the 2.2 nF
capacitor are matched.
2. Ideally, the LM99 should be placed within 10 cm of the Processor diode pins with the traces being as
straight, short and identical as possible. Trace resistance of 1
Ω can cause as much as 1°C of error. This
error can be compensated by using the Remote Temperature Offset Registers, since the value placed in
these registers will automatically be subtracted from or added to the remote temperature reading.
3. Diode traces should be surrounded by a GND guard ring to either side, above and below if possible. This
GND guard should not be between the D+ and D
− lines. In the event that noise does couple to the diode
lines it would be ideal if it is coupled common mode. That is equally to the D+ and D
− lines.
4. Avoid routing diode traces in close proximity to power supply switching or filtering inductors.
5. Avoid running diode traces close to or parallel to high speed digital and bus lines. Diode traces should be
kept at least 2 cm apart from the high speed digital traces.
6. If it is necessary to cross high speed digital traces, the diode traces and the high speed digital traces should
cross at a 90 degree angle.
7. The ideal place to connect the LM99's GND pin is as close as possible to the Processors GND associated
with the sense diode.
8. Leakage current between D+ and GND should be kept to a minimum. One nano-ampere of leakage can
cause as much as 1°C of error in the diode temperature reading. Keeping the printed circuit board as clean
as possible will minimize leakage current.
Noise coupling into the digital lines greater than 400 mVp-p (typical hysteresis) and undershoot less than 500 mV
below GND, may prevent successful SMBus communication with the LM99. SMBus no acknowledge is the most
common symptom, causing unnecessary traffic on the bus. Although the SMBus maximum frequency of
communication is rather low (100 kHz max), care still needs to be taken to ensure proper termination within a
system with multiple parts on the bus and long printed circuit board traces. An RC lowpass filter with a 3 dB
corner frequency of about 40 MHz is included on the LM99's SMBCLK input. Additional resistance can be added
in series with the SMBData and SMBCLK lines to further help filter noise and ringing. Minimize noise coupling by
keeping digital traces out of switching power supply areas as well as ensuring that digital lines containing high
speed data communications cross at right angles to the SMBData and SMBCLK lines.
22
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com