Electronic Components Datasheet Search
  English  ▼

X  

LM99 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM99
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM99 Datasheet HTML 8Page - Texas Instruments LM99 Datasheet HTML 9Page - Texas Instruments LM99 Datasheet HTML 10Page - Texas Instruments LM99 Datasheet HTML 11Page - Texas Instruments LM99 Datasheet HTML 12Page - Texas Instruments LM99 Datasheet HTML 13Page - Texas Instruments LM99 Datasheet HTML 14Page - Texas Instruments LM99 Datasheet HTML 15Page - Texas Instruments LM99 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
8. 70°C Local and Remote HIGH temperature setpoints
9. 0°C Local and Remote LOW temperature setpoints
10. Filter and Alert Configure Register set to 00h; filter disabled, ALERT output set as an SMBus ALERT
11. Conversion Rate Register set to 8h; conversion rate set to 16 conv./sec.
SMBus INTERFACE
The LM99 operates as a slave on the SMBus, so the SMBCLK line is an input and the SMBData line is bi-
directional. The LM99 never drives the SMBCLK line and it does not support clock stretching. According to
SMBus specifications, the LM99 has a 7-bit slave address. All bits A6 through A0 are internally programmed and
can not be changed by software or hardware. The LM99 and LM99-1 have the following slave addresses:
Version
A6
A5
A4
A3
A2
A1
A0
LM99
1
0
0
1
1
0
0
LM99-1
1
0
0
1
1
0
1
TEMPERATURE DATA FORMAT
Temperature data can only be read from the Local and Remote Temperature registers; the setpoint registers
(T_CRIT, LOW, HIGH) are read/write.
Remote temperature data is represented by an 11-bit, two's complement word with an LSB (Least Significant Bit)
equal to 0.125°C. The data format is a left justified 16-bit word available in two 8-bit registers:
Table 1. Actual vs. LM99 Remote Temperature Conversion
Actual Remote Diode
LM99 Remote Diode
Binary Results in LM99 Remote
Hex Remote
Temperature,°C
Temperature Register, °C
Temperature Register
Temperature Register
120
+104
0110 1000 0000 0000
6800h
125
+109
0110 1101 0000 0000
6D00h
126
+110
0110 1110 0000 0000
7100h
130
+114
0111 0010 0010 0000
7200h
135
+119
0111 0111 0000 0000
7700h
140
+124
0111 1100 0000 0000
7200h
Table 2. Actual vs. Remote T_Crit Setpoint
Actual Remote Diode T_Crit
Factory-Programmed Remote
Binary Remote T_CRIT High
Hex Remote T_CRIT High
Setpoint,°C
T_CRIT High Setpoint, °C
Setpoint Value
Setpoint Value
126
+110
0110 1110
71h
Local Temperature data is represented by an 8-bit, two's complement byte with an LSB (Least Significant
Bit) equal to 1°C:
Local Temperature
Digital Output
Binary
Hex
+125°C
0111 1101
7Dh
+25°C
0001 1001
19h
+1°C
0000 0001
01h
0°C
0000 0000
00h
−1°C
1111 1111
FFh
−25°C
1110 0111
E7h
−55°C
1100 1001
C9h
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com