Electronic Components Datasheet Search
  English  ▼

X  

LM99 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM99
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99 Datasheet(HTML) 5 Page - Texas Instruments

  LM99 Datasheet HTML 1Page - Texas Instruments LM99 Datasheet HTML 2Page - Texas Instruments LM99 Datasheet HTML 3Page - Texas Instruments LM99 Datasheet HTML 4Page - Texas Instruments LM99 Datasheet HTML 5Page - Texas Instruments LM99 Datasheet HTML 6Page - Texas Instruments LM99 Datasheet HTML 7Page - Texas Instruments LM99 Datasheet HTML 8Page - Texas Instruments LM99 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM99
www.ti.com
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
Temperature-to-Digital Converter Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD = +3.0 Vdc to +3.6 Vdc. Boldface limits apply for TA = TJ = TMIN
≤ TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Parameter
Conditions
(Limit)
Quiescent Current(5)
SMBus Inactive, 16 Hz conversion
0.8
1.7
mA (max)
rate
Shutdown
315
µA
D
− Source Voltage
0.7
V
Diode Source Current
(VD+ − VD−) = + 0.65 V; high level
160
315
µA (max)
110
µA (min)
Low level
13
20
µA (max)
7
µA (min)
ALERT and T_CRIT_A Output Saturation Voltage
IOUT = 6.0 mA
0.4
V (max)
Power-On-Reset (POR) Threshold
Measure on VDD input, falling edge
2.4
V (max)
1.8
V (min)
Local and Remote HIGH Default Temperature
See(6) Add 16°C for true Remote
+70
°C
settings
Temperature.
Local and Remote LOW Default Temperature
See(6) Add 16°C for true Remote
0
°C
settings
Temperature.
Local T_CRIT Default Temperature Setting
See(6)
+85
°C
Remote T_CRIT Default Temperature Setting
See(6) Add 16°C for 126°C true
+110
°C
Remote T_CRIT Setting
(5)
Quiescent current will not increase substantially with an SMBus.
(6)
Default values set at power up.
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = +3.0 to 3.6 Vdc. Boldface limits apply for TA = TJ = TMIN to
TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
Units
(Limit)
SMBData, SMBCLK INPUTS
VIN(1)
Logical “1” Input Voltage
2.1
V (min)
VIN(0)
Logical “0”Input Voltage
0.8
V (max)
VIN(HYST)
SMBData and SMBCLK Digital Input
400
mV
Hysteresis
IIN(1)
Logical “1” Input Current
VIN = VDD
0.005
±10
µA (max)
IIN(0)
Logical “0” Input Current
VIN = 0 V
−0.005
±10
µA (max)
CIN
Input Capacitance
5
pF
ALL DIGITAL OUTPUTS
IOH
High Level Output Current
VOH = VDD
10
µA (max)
VOL
SMBus Low Level Output Voltage
IOL = 4 mA
0.4
V (max)
IOL = 6 mA
0.6
(1)
Typicals are at TA = 25°C and represent most likely parametric normal.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com