Electronic Components Datasheet Search
  English  ▼

X  

LM99 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM99
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99 Datasheet(HTML) 4 Page - Texas Instruments

  LM99 Datasheet HTML 1Page - Texas Instruments LM99 Datasheet HTML 2Page - Texas Instruments LM99 Datasheet HTML 3Page - Texas Instruments LM99 Datasheet HTML 4Page - Texas Instruments LM99 Datasheet HTML 5Page - Texas Instruments LM99 Datasheet HTML 6Page - Texas Instruments LM99 Datasheet HTML 7Page - Texas Instruments LM99 Datasheet HTML 8Page - Texas Instruments LM99 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3 V to 6.0 V
Voltage at SMBData, SMBCLK, ALERT, T_CRIT_A
−0.5 V to 6.0 V
Voltage at Other Pins
−0.3 V to (VDD
+ 0.3 V)
D
− Input Current
±1 mA
Input Current at All Other Pins(2)
±5 mA
Package Input Current(2)
30 mA
SMBData, ALERT, T_CRIT_A Output Sink Current
10 mA
Storage Temperature
−65°C to
+150°C
Soldering Information, Lead
VSSOP-8 Packages(3)
Vapor Phase (60 seconds)
215°C
Temperature
Infrared (15 seconds)
220°C
ESD Susceptibility(4)
Human Body Model
2000 V
Machine Model
200 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5
mA. Parasitic components and or ESD protection circuitry are shown in the figure below for the LM99's pins. The nominal breakdown
voltage of D3 is 6.5 V. Care should be taken not to forward bias the parasitic diode, D1, present on pins: D+, D
−. Doing so by more than
50 mV may corrupt a temperature measurement.
(3)
See http://www.ti.com/packaging for other recommendations and methods of soldering surface mount devices.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Operating Ratings
Operating Temperature Range
0°C to +125°C
Electrical Characteristics Temperature Range(1)
TMIN ≤ TA ≤ TMAX
LM99
0°C
≤ TA≤ +85°C
Supply Voltage Range (VDD)
+3.0 V to +3.6 V
(1)
Thermal resistance junction-to-ambient when attached to a printed circuit board with 2 oz. foil:
— VSSOP-8 = 210°C/W
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0 Vdc to +3.6 Vdc. Boldface limits apply for TA = TJ = TMIN
≤ TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Parameter
Conditions
(Limit)
Temperature Error Using Local Diode
TA = +25°C to +125°C
(3)
±1
±3
°C (max)
Temperature Error Using Remote Diode Connected
TA = +30°C to +50°C and TD =
±1
°C (max)
Transistor (TD is the Remote Diode Junction
+120°C to +140°C
Temperature)
TA = +0°C to +85°C and TD = +25°C
°C (max)
±3
TD = TLM99 + 16°C
to +140°C
Remote Diode Measurement Resolution
11
Bits
0.125
°C
Local Diode Measurement Resolution
8
Bits
1
°C
Conversion Time of All Temperatures at the Fastest
See(4)
31.25
34.4
ms (max)
Setting
(1)
Typicals are at TA = 25°C and represent most likely parametric normal.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM99 and the thermal resistance. See Note 1 of the Operating Ratings table for the thermal resistance
to be used in the self-heating calculation.
(4)
This specification is provided only to indicate how often temperature data is updated. The LM99 can be read at any time without regard
to conversion state (and will yield last conversion result).
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com